Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TM8
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TM8 Datasheet HTML 2Page - Vishay Siliconix TM8 Datasheet HTML 3Page - Vishay Siliconix TM8 Datasheet HTML 4Page - Vishay Siliconix TM8 Datasheet HTML 5Page - Vishay Siliconix TM8 Datasheet HTML 6Page - Vishay Siliconix TM8 Datasheet HTML 7Page - Vishay Siliconix TM8 Datasheet HTML 8Page - Vishay Siliconix TM8 Datasheet HTML 9Page - Vishay Siliconix TM8 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Jun-10
43
TM8
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
Vishay Sprague
PLASTIC TAPE AND REEL PACKAGING in inches [millimeters]
Note
Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
CASE
CODE
TAPE
SIZE
B1
(MAX.)
D1
(MIN.)
F
K0
(MAX.)
P1
W
TM8
P8 mm
0.108
(2.75)
0.039
(1.0)
0.138
(3.5)
0.054
(1.37)
0.157
(4.0)
0.315
(8.0)
Q8 mm
0.135
(3.43)
0.039
(1.0)
0.138
(3.5)
0.065
(1.65)
0.157
(4.0)
0.315
(8.0)
L8 mm
0.094
(2.4)
0.039
(1.0)
0.138
(3.5)
0.047
(1.2)
0.157
(4.0)
0.315
(8.0)
R8 mm
0.112
(2.85)
0.039
(1.0)
0.138
(3.5)
0.066
(1.68)
0.157
(4.0)
0.315
(8.0)
W8 mm
0.112
(2.85)
0.039
(1.0)
0.138
(3.5)
0.053
(1.35)
0.157
(4.0)
0.315
(8.0)
D
12 mm
0.154
(3.9)
0.059
(1.5)
0.216
(5.5)
0.051
(1.3)
0.157
(4.0)
0.472
(12.0)
E
12 mm
0.235
(5.97)
0.059
(1.5)
0.216
(5.5)
0.070
(1.78)
0.157
(4.0)
0.472
(12.0)
F
12 mm
0.231
(5.88)
0.059
(1.5)
0.216
(5.5)
0.060
(1.53)
0.157
(4.0)
0.472
(12.0)
N
12 mm
0.150
(3.8)
0.059
(1.5)
0.216
(5.5)
0.047
(1.2)
0.157
(4.0)
0.472
(12.0)
T
12 mm
0.150
(3.8)
0.059
(1.5)
0.216
(5.5)
0.063
(1.60)
0.157
(4.0)
0.472
(12.0)
0.004 [0.1]
MAX.
K
0
Tape Thickness
B
1 MAX.
(Note 6)
0.014
[0.35]
MAX.
± 0.008 [0.200]
Embossment
0.069 ± 0.004
[1.75 ± 0.10]
D
1 MIN. For Components
0.079 x 0.047 [2.0 x 1.2] and Larger
.
(Note 5)
Maximum
Cavity Size
(Note 1)
USER DIRECTION OF FEED
Center Lines
of Cavity
A
0
P
1
F
W
0.030 [0.75]
MIN. (Note 4)
0.030 [0.75]
MIN. (Note 3)
0.079 ± 0.002
[2.0 ± 0.05]
0.157 ± 0.004
[4.0 ± 0.10]
0.059 + 0.004 - 0.0
[1.5 + 0.10 - 0.0]
B
0
Maximum
Component
Rotation
(Side or Front Sectional View)
20°
0
For Tape Feeder
Reference only
including draft.
Concentric around B
(Note 5)
Deformation
Between
Embossments
Top
Cover
Tape
Top
Cover
Tape
10 pitches cumulative
tolerance on tape
Cathode (-)
Anode (+)
Direction of Feet
20° Maximum
Component Rotation
Typical
Component
Cavity
Center Line
Typical
Component
Center Line
A
0
B
0
(Top Vie w)
Tape and Reel Specifications: All case sizes are available on
plastic embossed tape per EIA-481-1. Tape reeling per IEC 286-3
is also available. Standard reel diameter is 7" [178 mm],
13" [330 mm] reels are available and recommended as the most
cost effective packaging method.
The most efficient packaging quantities are full reel increments on
a given reel diameter. The quantities shown allow for the sealed
empty pockets required to be in conformance with EIA-481-1. Reel
size and packaging orientation must be specified in the Vishay
Sprague part number.
0.9843 [250.0]
Tape
3.937 [100.0]
0.039 [1.0]
MAX.
0.039 [1.0]
MAX.
Camber
(Top View)
Allo wable Camber to be 0.039/3.937 [1/100]
Non-Cumulative Over 9.843 [250.0]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com