Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TM8
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8 Datasheet(HTML) 1 Page - Vishay Siliconix

  TM8 Datasheet HTML 1Page - Vishay Siliconix TM8 Datasheet HTML 2Page - Vishay Siliconix TM8 Datasheet HTML 3Page - Vishay Siliconix TM8 Datasheet HTML 4Page - Vishay Siliconix TM8 Datasheet HTML 5Page - Vishay Siliconix TM8 Datasheet HTML 6Page - Vishay Siliconix TM8 Datasheet HTML 7Page - Vishay Siliconix TM8 Datasheet HTML 8Page - Vishay Siliconix TM8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TM8
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL, Leadframeless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40133
38
Revision: 22-Jun-10
FEATURES
• High reliability solid surface mount tantalum
capacitors
• Low DCL for extended battery life
• Small sizes for space constrained applications
• L-shaped terminations for superior board
mounting
• Suitable for medical implantable applications with
additional screening
• Compliant to RoHS directive 2002/95/EC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(to + 125 °C with voltage derating)
Capacitance Range: 1 µF to 47 µF
Capacitance Tolerance: ± 10 % and ± 20 % standard
Voltage Range: 2 WVDC to 40 WVDC
Note
• Standard options are in bold
ORDERING INFORMATION
TM8
R
106
M
016
E
B
A
MODEL
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
TERMINATION/
PACKAGING
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Codes
Table
This is expressed
in picofarads.
The first two
digits are the
significant
figures. The third
is the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an “R”
(6R3 = 6.3 V).
E = Sn/Pb solder/
7" (178 mm) reels
R = Sn/Pb solder/
7" (178 mm)
300 pcs. qty.
C = 100 % tin/
7" (178 mm) reels
U = 100 % tin/
7" (178 mm)
300 pcs. qty.
B = 0.1 %
weibull FRL
S = Hi-Rel std.
(40 h burn-in)
Z = Non-
established
reliability
A = 10 cycles
at 25 °C
B = 10 cycles at
- 55 °C/+ 85 °C
Z = None
DIMENSIONS in inches [millimeters]
CASE
L
W
H
P1
P2 (REF.)
C
Q
0.100 ± 0.015
[2.54 ± 0.38]
0.053 ± 0.012
[1.35 ± 0.30]
0.050 ± 0.012
[1.27 ± 0.30]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.038 ± 0.010
[0.96 ± 0.25]
0.046 + 0.009/- 0.001
[1.17 + 0.23/- 0.025]
D
0.150 ± 0.015
[3.8 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.012
[1.27 ± 0.30]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.088 ± 0.010
[2.24 ± 0.25]
0.091 + 0.009/- 0.001
[2.3 + 0.23/- 0.025]
E
0.201 ± 0.015
[5.1 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.012
[1.27 ± 0.30]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.139 ± 0.010
[3.5 ± 0.25]
0.091 + 0.009/- 0.001
[2.3 + 0.23/- 0.025]
F
0.220 ± 0.015
[5.6 ± 0.38]
0.138 ± 0.012
[3.5 ± 0.3]
0.050 ± 0.012
[1.27 ± 0.30]
0.039 ± 0.005
[1.0 ± 0.13]
0.142 ± 0.010
[3.6 ± 0.25]
0.126 + 0.009/- 0.001
[3.2 + 0.23/- 0.025]
K
0.045 ± 0.002
[1.14 ± 0.05]
0.026 ± 0.002
[0.66 ± 0.05]
0.024 max.
[0.61 max.]
0.010 ± 0.004
[0.25 ± 0.1]
0.020 min.
[0.51 min.]
0.015 ± 0.004
[0.38 ± 0.1]
L
Anode Polarity Bar
Anode Termination
H
W
P1
C
P2
P1
Cathode Termination


Similar Part No. - TM8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TM8 MICROSEMI-TM8 Datasheet
193Kb / 4P
SENSISTORS
logo
Vishay Siliconix
TM8 VISHAY-TM8 Datasheet
423Kb / 18P
Solid Tantalum Chip Capacitors
09-Mar-17
logo
SYNERGY MICROWAVE CORPO...
TM8-GT SYNERGY-TM8-GT Datasheet
256Kb / 2P
RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
logo
Systemsensor advanced i...
TM80 SYSTEMSENSOR-TM80 Datasheet
481Kb / 2P
SMOKE DETECTORS
logo
Thinki Semiconductor Co...
TM802FCH THINKISEMI-TM802FCH Datasheet
385Kb / 2P
16.0 Ampere Insulated Dual Tandem Polarity Super Fast Recovery Rectifiers
More results

Similar Description - TM8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D VISHAY-298D_08 Datasheet
213Kb / 11P
Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
01-Sep-08
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
21-Mar-13
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
15-Jan-13
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
16-Sep-09
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
18-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
22-Jun-17
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
11-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
11-May-16
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
18-Jul-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com