Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TM8
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8 Datasheet(HTML) 3 Page - Vishay Siliconix

  TM8 Datasheet HTML 1Page - Vishay Siliconix TM8 Datasheet HTML 2Page - Vishay Siliconix TM8 Datasheet HTML 3Page - Vishay Siliconix TM8 Datasheet HTML 4Page - Vishay Siliconix TM8 Datasheet HTML 5Page - Vishay Siliconix TM8 Datasheet HTML 6Page - Vishay Siliconix TM8 Datasheet HTML 7Page - Vishay Siliconix TM8 Datasheet HTML 8Page - Vishay Siliconix TM8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TM8
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40133
40
Revision: 22-Jun-10
Notes
(1) Capacitance tolerance: K, M
(2) Termination and Packaging: E, C
(3) Reliability level: Z, S, B
(4) Reliability level: Z only
(5) Surge current: Z, A, B
(6) Surge current: Z only
* Preliminary ratings: contact factory for availability
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz STD.
(
Ω)
6.3 WVDC AT + 85 °C, 4 WVDC AT + 125 °C
10
M
TM8M106(1)6R3(2)(3)(5)
0.32
8
5.0
15
M
TM8M156(1)6R3(2)(3)(5)
0.47
8
5.0
10 WVDC AT + 85 °C, 7 WVDC AT + 125 °C
1.0
M
TM8M105(1)010(2)(3)(5)
0.20
6
12.0
4.7
M
TM8M475(1)010(2)(3)(5)
0.24
8
6.0
7.5
L
TM8L755(1)010(2)(3)(5)
0.38
8
8.0
10
R
TM8R106(1)010(2)(3)(5)
0.50
8
6.0
47
T
TM8T476(1)010(2)(3)(5)
2.35
8
1.0
16 WVDC AT + 85 °C, 10 WVDC AT + 125 °C
1.0
M
TM8M105(1)016(2)(3)(5)
0.20
6
12.0
10
R
TM8R106(1)016(2)(3)(5)
0.80
8
6.0
20 WVDC AT + 85 °C, 13 WVDC AT + 125 °C
1.0
W
TM8W105(1)020(2)(3)(5)
0.20
8
8.0
3.3
R
TM8R335(1)020(2)(3)(5)
0.33
8
8.0
7.5
N
TM8N755(1)020(2)(3)(5)*
0.93
8
8.0
25 WVDC AT + 85 °C, 17 WVDC AT + 125 °C
1.0
R
TM8R105(1)025(2)(3)(5)
0.20
6
10.0
4.7
P
TM8P475(1)025(2)(3)(5)
0.59
6
6.0
40 WVDC AT + 85 °C, 27 WVDC AT + 125 °C
1.0
P
TM8P105(1)040(2)(3)(5)
0.20
8
10.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com