Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TM8
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8 Datasheet(HTML) 4 Page - Vishay Siliconix

  TM8 Datasheet HTML 1Page - Vishay Siliconix TM8 Datasheet HTML 2Page - Vishay Siliconix TM8 Datasheet HTML 3Page - Vishay Siliconix TM8 Datasheet HTML 4Page - Vishay Siliconix TM8 Datasheet HTML 5Page - Vishay Siliconix TM8 Datasheet HTML 6Page - Vishay Siliconix TM8 Datasheet HTML 7Page - Vishay Siliconix TM8 Datasheet HTML 8Page - Vishay Siliconix TM8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Jun-10
41
TM8
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
Vishay Sprague
CAPACITORS PERFORMANCE CHARACTERISTICS
Notes
• At + 25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table
• At + 85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table
• At + 125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category Temperature Range
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitance Tolerance
± 20 %, ± 10 % (at 120 Hz) 1 Vrms at + 25 °C using a capacitance bridge
Dissipation Factor (at 120 Hz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz.
ESR (100 kHz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz.
Leakage Current
After application of rated voltage applied to capacitors for 5 minutes using a steady source of power with
1 k
Ω resistor in series with the capacitor under test, leakage current at 25 °C is not more than described
in Standard Ratings Table. Note that the leakage current varies with temperature and applied voltage. See
graph below for the appropriate adjustment factor.
Reverse Voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to: 10 % of the DC
rating at + 25 °C or 5 % of the DC rating at + 85 °C.
Vishay does not recommended intentional or repetitive application of reverse voltage.
Temperature Derating
If capacitors are to be used at temperatures above + 25 °C, the permissible rms ripple current or voltage
shall be calculated using the derating factors:
1.0 at + 25 °C
0.9 at + 85 °C
0.4 at + 125 °C
Operating Temperature
+ 85 °C RATING
+ 125 °C RATING
WORKING VOLTAGE (V)
WORKING VOLTAGE (V)
21.3
42.7
6.3
4
10
7
15
10
16
10
20
13
25
17
40
27
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
010
40
70
8090
60
50
20
30
100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
0 °C
- 55 °C
PERCENT OF RATED VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com