Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500-FSZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS1500-FSZ
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500-FSZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS1500-FSZ Datasheet HTML 10Page - Cirrus Logic CS1500-FSZ Datasheet HTML 11Page - Cirrus Logic CS1500-FSZ Datasheet HTML 12Page - Cirrus Logic CS1500-FSZ Datasheet HTML 13Page - Cirrus Logic CS1500-FSZ Datasheet HTML 14Page - Cirrus Logic CS1500-FSZ Datasheet HTML 15Page - Cirrus Logic CS1500-FSZ Datasheet HTML 16Page - Cirrus Logic CS1500-FSZ Datasheet HTML 17Page - Cirrus Logic CS1500-FSZ Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CS1500
14
DS849A7
Jul ?$shortyear>
CONFIDENTIAL
needed to meet the hold-up time required is defined by the
following equation:
tHOLD is the magnitude of the hold-up time in seconds. For
10 ms of hold-up time and Vlink(min) of 300 V, the equation
becomes:
Choose a 100
μF capacitor.
4.1.7
Overvoltage Protection
Overvoltage protection is activated when Vlink exceeds 105%
of the nominal value:
While in overvoltage protection mode, gate drive output is
disabled. GD output is re-enabled when Vlink falls below its
nominal value.
C
out hold
()
2P
O
×
t
×
hold
V
link
ΔV
out rip
()
2
-------------------------
–


2
V
link min
()
()
2
–
------------------------------------------------------------------------------------------
=
[Eq.18]
C
out hold
()
290
×
0.010
×
400
10
2
------
–


2
300
()
2
–
------------------------------------------------------
27
μF
==
V
ovp
V
link
1.05
×
=
V
ovp
400
1.05
×
=
V
ovp
420V
=
[Eq.19]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com