Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500-FSZ Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS1500-FSZ
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500-FSZ Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS1500-FSZ Datasheet HTML 11Page - Cirrus Logic CS1500-FSZ Datasheet HTML 12Page - Cirrus Logic CS1500-FSZ Datasheet HTML 13Page - Cirrus Logic CS1500-FSZ Datasheet HTML 14Page - Cirrus Logic CS1500-FSZ Datasheet HTML 15Page - Cirrus Logic CS1500-FSZ Datasheet HTML 16Page - Cirrus Logic CS1500-FSZ Datasheet HTML 17Page - Cirrus Logic CS1500-FSZ Datasheet HTML 18Page - Cirrus Logic CS1500-FSZ Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
CS1500
DS849A7
15
Jul ?$shortyear>
CONFIDENTIAL
4.1.8
Summary of Component Values
Designator
Value
Description
R1a
1.5 M
Ω
SFR25 axial film res - 0.4W-1%
R1b
1.5 M
Ω
SFR25 axial film res - 0.4W-1%
R2a
1.5 M
Ω
SFR25 axial film res - 0.4W-1%
R2b
1.5 M
Ω
SFR25 axial film res - 0.4W-1%
R3
4.7
Ω
SFR25 axial film res - 0.4W-1%
C1
0.47
μF
ECQ2W474KH
C2
0.47
μF
50V Ceramic cap - X7R
C3
100
μF, 450V
LLS2W101MELA
BR1
4A, 600V
GBU4J-BP
D1
1 A, 600 V
1N4005
D2
1 A, 600 V
STTH1R06
LB
360
μH
Premier Magnetics
Q1
12 A, 500 V
STP12NM50FP
CS1500
PFC Controller
CS1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com