Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500-FSZ Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS1500-FSZ
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500-FSZ Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS1500-FSZ Datasheet HTML 12Page - Cirrus Logic CS1500-FSZ Datasheet HTML 13Page - Cirrus Logic CS1500-FSZ Datasheet HTML 14Page - Cirrus Logic CS1500-FSZ Datasheet HTML 15Page - Cirrus Logic CS1500-FSZ Datasheet HTML 16Page - Cirrus Logic CS1500-FSZ Datasheet HTML 17Page - Cirrus Logic CS1500-FSZ Datasheet HTML 18Page - Cirrus Logic CS1500-FSZ Datasheet HTML 19Page - Cirrus Logic CS1500-FSZ Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
CS1500
16
DS849A7
Jul ?$shortyear>
CONFIDENTIAL
5. PERFORMANCE PLOTS
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040506070
8090
100
Load (% )
Vin = 230
Vin = 115
Load (%)
70
75
80
85
90
95
100
0
102030405060708090
100
110
Vin=230V
Vin=115V
Figure 22. Efficiency vs. Load, Typical
Figure 23. Distortion vs. Load, Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com