Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500-FSZ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS1500-FSZ
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500-FSZ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS1500-FSZ Datasheet HTML 14Page - Cirrus Logic CS1500-FSZ Datasheet HTML 15Page - Cirrus Logic CS1500-FSZ Datasheet HTML 16Page - Cirrus Logic CS1500-FSZ Datasheet HTML 17Page - Cirrus Logic CS1500-FSZ Datasheet HTML 18Page - Cirrus Logic CS1500-FSZ Datasheet HTML 19Page - Cirrus Logic CS1500-FSZ Datasheet HTML 20Page - Cirrus Logic CS1500-FSZ Datasheet HTML 21Page - Cirrus Logic CS1500-FSZ Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CS1500
DS849A7
21
Jul ?$shortyear>
CONFIDENTIAL
7. PACKAGE DRAWING
8. ORDERING INFORMATION
9. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.19
0.25
D
0.189
0.197
4.80
5.00
E
0.150
0.157
3.80
4.00
e
0.040
0.060
1.02
1.52
H
0.228
0.244
5.80
6.20
L
0.016
0.050
0.40
1.27
∝
0°
8°
0°
8°
JEDEC # MS-012
8L SOIC (150 MIL BODY) PACKAGE DRAWING
D
H
E
e
b
A1
A
c
L
∝
SEATING
PLANE
1
Part #
Temperature Range
Package Description
CS1500-FSZ
-40 °C to +125 °C
8-lead SOIC, Lead (Pb) Free
Model Number
Peak Reflow Temp
MSL Ratinga
a. MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Max Floor Lifeb
b. Stored at 30 °C, 60% relative humidity.
CS1500-FSZ
260 °C
2
365 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com