Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS1600-FSZ
Description  LOW-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS1600-FSZ Datasheet HTML 5Page - Cirrus Logic CS1600-FSZ Datasheet HTML 6Page - Cirrus Logic CS1600-FSZ Datasheet HTML 7Page - Cirrus Logic CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic CS1600-FSZ Datasheet HTML 10Page - Cirrus Logic CS1600-FSZ Datasheet HTML 11Page - Cirrus Logic CS1600-FSZ Datasheet HTML 12Page - Cirrus Logic CS1600-FSZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CS1600
DS904A7
9
4.1.2
Burst Mode
In addition to the start-up mode and normal mode of operation,
the controller enters the burst mode of operation when the
estimated output power (PO) is < 5% of its nominal value.
During this stage, the PFC driver is disabled intermittently over
a full line cycle period, as shown in Figure 12. The period of
time for which the PFC drive is disabled depends on the level
of loading present..
Figure 12. Burst Mode of Operation
4.2
Input Feedforward and Output
Regulation
The CS1600 continuously monitors the rectified AC line and
the PFC output voltage through sense resistors tied to the IAC
and the FB pins to monitor the voltages, scaled as currents.
The rectified AC line sense resistor RAC needs to be the same
size of the resistor RFB used for current feedback from the
PFC output voltage. These currents are effectively compared
against an internal reference current to provide adaptive PFC
control. The resistor values are calculated as follows:
where
RFB = Feedback resistor used to sense the PFC output
voltage
RAC = Feedforward resistor used to sense the rectified line
voltage
Vlink= PFC Output Voltage
VDD = IC Supply Voltage
Iref = Target Reference current used for feedback
Figure 13. Output Feedback
Figure 14. Input Feedforward
4.3
Protection Features
4.3.1
Overvoltage Protection
If the PFC output voltage, Vlink, exceeds the overvoltage
threshold, as scaled by the current monitored by the sense
resistors, the CS1600 provides protection by disabling the
gate drive. A nominal hysteresis is provided to allow the
system to recover from the fault condition, before switching is
resumed.
4.3.2
Overcurrent Protection
The CS1600’s digital controller algorithm limits the ON
time of the Power MOSFET by the following equation:
Where Ton is the max time that the power MOSFET is
turned on and Vrect is the rectified line voltage. In the
event of a sudden line surge or sporadic, high dv/dt line
voltages, this equation may not limit the ON time appro-
priately. For this type of line disturbance, additional pro-
tection mechanisms, such as fusible resistors, fast-blow
fuses, or other current-limiting devices, are recommend-
ed.
Vin
[V]
t [ms]
FET Vgs
Burst Mode
Active
Vin
PO
[W]
t [ms]
5%
PFC
Disable
R
FB
V
link
V
DD
–
I
ref
-----------------------------
=
[Eq.1]
R
AC
R
FB
=
[Eq.2]
RFB
IFB
FB
VDD
ADC
7
RIFB
15k
4
Vlink
RFB
IFB
FB
VDD
ADC
7
RIFB
15k
4
Vlink
T
on
0.001126
V
rect
-------------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com