Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS1600-FSZ
Description  LOW-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS1600-FSZ Datasheet HTML 1Page - Cirrus Logic CS1600-FSZ Datasheet HTML 2Page - Cirrus Logic CS1600-FSZ Datasheet HTML 3Page - Cirrus Logic CS1600-FSZ Datasheet HTML 4Page - Cirrus Logic CS1600-FSZ Datasheet HTML 5Page - Cirrus Logic CS1600-FSZ Datasheet HTML 6Page - Cirrus Logic CS1600-FSZ Datasheet HTML 7Page - Cirrus Logic CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Advance Product Information
This document contains information for a product under development.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
 Cirrus Logic, Inc. 2010
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS1600
Low-cost PFC Controller for Electronic Ballasts
Features & Description
Lowest PFC System Cost for Electronic Ballasts
Variable Frequency Discontinuous Conduction Mode
Improved Efficiency Due to Variable Switching Frequency
EMI Signature Reduction from Digital Noise Shaping
Integrated Feedback Compensation
Overvoltage Protection with Hysteresis
Overpower Protection with Shutdown
UVLO with Wide Hysteresis
Thermal Shutdown with Hysteresis
Description
CS1600 is a high-performance Variable Frequency Discontinu-
ous Conduction Mode (VF - DCM), active Power Factor
Correction (PFC) controller, optimized to deliver the lowest PFC
system cost for electronic ballast applications.
A variable ON time / variable frequency algorithm is used to
achieve near unity power factor. This algorithm spreads the EMI
frequency spectrum, which reduces the conducted EMI filtering
requirements. The feedback loop is closed through an integrated
compensation network within the IC, eliminating the need for
additional external components. Protection features such as
overvoltage, overcurrent, overpower, open- and short-circuit pro-
tection, overtemperature, and brownout help protect the device
during abnormal transient conditions.
Pin Assignments
8-lead SOIC
NC
STBY
IAC
FB
NC
VDD
GD
GND
1
2
3
4
8
7
6
5
D6
C1
D5
C2
BR1
BR1
BR1
BR1
AC
Mains
+12V
L1
Q1
R3
CS1600
IAC
NC
FB
STBY
VDD
GND
NC
GD
2
3
1
7
8
6
4
5
R1a
R1b
R2b
R2a
C3a
C3b
R2c
R1c
RAC
RFB
Clink
JUL ‘10
DS904A7


Similar Part No. - CS1600-FSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1600-FSZ CIRRUS-CS1600-FSZ Datasheet
251Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1600-FSZ CIRRUS-CS1600-FSZ Datasheet
202Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
More results

Similar Description - CS1600-FSZ

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
IC for Electronic Ballasts
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
IC for Electronic Ballasts
logo
Cirrus Logic
CS1600 CIRRUS-CS1600 Datasheet
251Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1600_1006 CIRRUS-CS1600_1006 Datasheet
202Kb / 18P
Low-cost PFC Controller for Electronic Ballasts
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
Digital PFC Controller for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
Electronic ballasts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com