Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS1600-FSZ
Description  LOW-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS1600-FSZ Datasheet HTML 1Page - Cirrus Logic CS1600-FSZ Datasheet HTML 2Page - Cirrus Logic CS1600-FSZ Datasheet HTML 3Page - Cirrus Logic CS1600-FSZ Datasheet HTML 4Page - Cirrus Logic CS1600-FSZ Datasheet HTML 5Page - Cirrus Logic CS1600-FSZ Datasheet HTML 6Page - Cirrus Logic CS1600-FSZ Datasheet HTML 7Page - Cirrus Logic CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CS1600
2
DS904A7
1. PIN DESCRIPTIONS
Table 1. Pin Descriptions
Pin Name
Pin #
I/O
Description
NC
1, 8
-
No Connect — Connect these pins to VDD to prevent any leakage path that could
arise from leaving them unterminated.
STBY
2IN
Standby — This is an active-low pin. Shorting this pin to GND disables PFC switch-
ing. The input has a pull-up resistor and should be driven with an open-collector
device. Leave this pin unterminated when not in use.
IAC
3IN
Rectified Line Voltage Sense — The IAC pin is used to sense the rectified line volt-
age. This signal, in conjunction with the signal on the FB pin, is used in the Power
Factor Correction (PFC) algorithm
A filter capacitor of up to 2.2 nF may be added between this pin and VDD to provide
noise immunity.
FB
4IN
Feedback Voltage Sense — The FB pin is used to sense the output voltage of the
PFC stage. This signal, in conjunction with the signal on the IAC pin, is used in the
Power Factor Correction (PFC) algorithm.
A filter capacitor of up to 2.2 nF may be added between this pin and VDD to provide
noise immunity.
GND
5–
Ground — GND is a common reference for all the functional blocks in this device.
GD
6OUT
Gate Drive — GD is the output of the device with a source capability of 0.5 A and a
current sink capacity of 1 A.
VDD
7IN
IC Supply Voltage — VDD is the input used to provide bias to the device. This pin
has an internal shunt to ground. An external bias needs to be applied for steady-
state operation. A low-ESR ceramic decoupling capacitor at this pin is recommended
for reliable operation of this device.
NC
STBY
IAC
FB
NC
VDD
GD
GND
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com