Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS1600-FSZ
Description  LOW-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS1600-FSZ Datasheet HTML 1Page - Cirrus Logic CS1600-FSZ Datasheet HTML 2Page - Cirrus Logic CS1600-FSZ Datasheet HTML 3Page - Cirrus Logic CS1600-FSZ Datasheet HTML 4Page - Cirrus Logic CS1600-FSZ Datasheet HTML 5Page - Cirrus Logic CS1600-FSZ Datasheet HTML 6Page - Cirrus Logic CS1600-FSZ Datasheet HTML 7Page - Cirrus Logic CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CS1600
4
DS904A7
2.3
Thermal Characteristics
3.
Specifications guaranteed by design & characterization.
4.
Specifications measured as an instantaneous quantity NOT as a time-averaged quantity.
5.
STBY is designed to be driven by an open-collector device. The input is internally pulled up with a 600 k
Ω resistor.
6.
The package thermal impedance is calculated in accordance with JESD 51.
7.
Based upon input voltage 120 to 277 VAC and an output voltage (Vout) of 460 V, with boost inductance of 380 μH,
output capacitance of 23.5
μF, and VDD of 13 V.
Fall Time
CL =1 nF, VDD =13 V
tf
-15
30
ns
Output Voltage Low
IGD = -200 mA,VDD =13V
VOL
-0.9
1.3
v
Output Voltage High
IGD = 100 mA,VDD =13 V
VOH
11.3
11.8
-
v
Feedback and Protection 3, 7
Reference Current
25º C
Iref
125
129
135
μA
-40º to +125º C
120
-
136
Overvoltage Protection Threshold
25º C
104
108
111
%
-40º to +125º C
101
-
113
Recovery from Overvoltage Protection
25º C
98
101
105
%
-40º to +125º C
94
-
105
Start-up Mode Start Threshold
25º C
83
85
87
%
Normal Mode Start Threshold
25º C
97
99
101
Recovery from Undervoltage
25º C
-
10
-
%
Overpower Protection Threshold 4
GDRV turns off, 25º C
% of full load as defined by Eq. 3
123
125
127
%
Overpower Protection Hysteresis 4
-5
-
%
Input Brownout Protection Threshold
Vout = 460V, GDRV turns off, 25º C VBP(th)
79
85
93
Vrms
Input Brownout Recovery Threshold
Vout = 460V, GDRV turns on, 25º C
VBR
91
97
104
Vrms
Thermal Protection
Thermal Shutdown Threshold 3
TSD
130
143
155
ºC
Thermal Shutdown Hysteresis
TSD(Hy)
-9
-
ºC
STBY Input
Logic Threshold 5
Low
High
-
VDD – 0.8
-
-
0.8
-
V
Symbol
Parameter
Value
Unit
R
θ
JA
Thermal Resistance (Junction to Ambient)6.
159
ºC / W
R
θ
JC
Thermal Resistance (Junction to Case)6.
39
ºC / W
Parameter
Condition
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com