Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 3Page - Texas Instruments TUSB3210 Datasheet HTML 4Page - Texas Instruments TUSB3210 Datasheet HTML 5Page - Texas Instruments TUSB3210 Datasheet HTML 6Page - Texas Instruments TUSB3210 Datasheet HTML 7Page - Texas Instruments TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
www.ti.com
1
Introduction
1.1
Features
1.2
Description
1.3
Ordering Information
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
–
512
× 8 Shared RAM Used for Data Buffers and
• Multiproduct Support With One Code and One
Endpoint Descriptor Blocks (EDB) (2)
Chip (up to 16 Products With One Chip)
–
Four 8052 GPIO Ports, Ports 0,1, 2, and 3
• Fully Compliant With USB 2.0 Full-Speed
–
Master I2C Controller for External Slave
Specifications: TID #40270269
Device Access
• Supports 12 Mbits/s USB Data Rate (Full
–
Watchdog Timer
Speed)
• Operates From a 12-MHz Crystal
• Supports USB Suspend/Resume and
Remote Wake-up Operation
• On-Chip PLL Generates 48 MHz
• Integrated 8052 Microcontroller With:
• Supports a Total of 3 Input and 3 Output
(Interrupt, Bulk) Endpoints
–
256
× 8 RAM for Internal Data
–
8K
× 8 RAM Code Space Available for
• Powerdown Mode
Downloadable Firmware From Host or I2C
• 64-Pin TQFP Package
Port. (1)
• Applications Include Keyboard, Bar Code
Reader, Flash Memory Reader, General-
Purpose Controller
(1)
The TUSB3210 has 8K
× 8 RAM for development.
(2)
This is the buffer space for USB packet transactions.
The TUSB3210 is a USB-based controller targeted as a general-purpose MCU with GPIO. The TUSB3210
has 8K
× 8 RAM space for application development. In addition, the programmability of the TUSB3210
makes it flexible enough to use for various other general USB I/O applications. Unique vendor
identification and product identification (VID/PID) can be selected without the use of an external EEPROM.
Using a 12-MHz crystal, the onboard oscillator generates the internal system clocks. The device can be
programmed via an inter-IC (I2C) serial interface at power on from an EEPROM, or optionally, the
application firmware can be downloaded from a host PC via USB. The popular 8052-based
microprocessor allows several third-party standard tools to be used for application development. In
addition, the vast amounts of application code available in the general market also can be used (this may
or may not require some code modification due to hardware variations).
OPERATING
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE(1)(2)
TEMPERATURE
CODE
MARKING
NUMBER
MEDIA
RANGE
Plastic quad
TUSB3210PM
PM
0
°C to 70°C
TUSB3210PM
TUSB3210PM
160-piece tray
flatpack 64
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com