Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 25Page - Texas Instruments TUSB3210 Datasheet HTML 26Page - Texas Instruments TUSB3210 Datasheet HTML 27Page - Texas Instruments TUSB3210 Datasheet HTML 28Page - Texas Instruments TUSB3210 Datasheet HTML 29Page - Texas Instruments TUSB3210 Datasheet HTML 30Page - Texas Instruments TUSB3210 Datasheet HTML 31Page - Texas Instruments TUSB3210 Datasheet HTML 32Page - Texas Instruments TUSB3210 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
www.ti.com
2.6.5
VIDSTA: VID/PID Status Register
2.7
Function Reset and Power-Up Reset Interconnect
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
BIT
NAME
RESET
FUNCTION
3
RWE
0
Remote wake-up enable bit
RWE = 0
MCU clears this bit when host sends command to clear the feature.
RWE = 1
MCU writes 1 to this bit when host sends set device feature command to enable the remote
wake-up feature
4
FRSTE
1
Function reset connection bit. This bit connects/disconnects the USB function reset from the MCU reset.
FRSTE = 0
Function reset is not connected to the MCU reset.
FRSTE = 1
Function reset is connected to the MCU reset.
5
RWUP
0
Device remote wake-up request. This bit is set by the MCU and is cleared automatically.
RWUP = 0
Writing a 0 to this bit has no effect.
RWUP = 1
When the MCU writes a 1, a remote wake-up pulse is generated.
6
RSV
0
Reserved
7
CONT
0
Connect/disconnect bit
CONT = 0
Upstream port is disconnected. Pullup disabled
CONT = 1
Upstream port is connected. Pullup enabled
This register is used to read the value on four external pins. The firmware can use this value to select one
of the vendor identification/product identifications (VID/PID) stored in memory. The TUSB3210 supports up
to 16 unique VID/PIDs with application code to support different products. This provides a unique
opportunity for original equipment manufacturers (OEMs) to have one device to support up to 16 different
product lines by using S0–S3 to select VID/PID and behavioral application code for the selected product.
7
6
5
4
3
2
1
0
RSV
RSV
RSV
RSV
S3
S2
S1
S0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
3–0
S[3:0]
x
VID/PID selection bits. These bits reflect the status of the external pins as defined by Table 2-6. Note that
a pin tied low is reflected as a 0 and a pin tied high is reflected as a 1.
7–4
RSV
0
Reserved = 0
Table 2-6. External Pin Mapping to S[3:0] in VIDSTA Register
PIN
VIDSTA REGISTER, S[3:0]
COMMENTS
NO.
NAME
S0
58
P3.0
Dual function P3.0 I/O or S0 input
S1
57
P3.1
Dual function P3.1 I/O or S1 input
S2
8
S2
S2-pin is input
S3
9
S3
S3-pin is input
Figure 2-2 represents the logical connection of the USB-function-reset (USBR) and power-up-reset (RST)
pins. The internal RESET signal is generated from the RST pin (PURS signal) or from the USB-reset
(USBR signal). The USBR can be enabled or disabled by the FRSTE bit in the USBCTL register (on
power up FRSTE = 0). The internal RESET is used to reset all registers and logic, with the exception of
the USBCTL and MISCTL registers. The USBCTL and MCU configuration registers (MCNFG) are cleared
by the PURS signal only.
Submit Documentation Feedback
Functional Description
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com