Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments TUSB3210 Datasheet HTML 19Page - Texas Instruments TUSB3210 Datasheet HTML 20Page - Texas Instruments TUSB3210 Datasheet HTML 21Page - Texas Instruments TUSB3210 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
www.ti.com
2.4
Endpoint Descriptor Block (EDB-1 to EDB-3)
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Data transfers between USB, MCU and external devices are defined by an endpoint descriptor block
(EDB). Four input and four output EDBs are provided. With the exception of EDB-0 (I/O endpoint 0), all
EDBs are located in SRAM as shown in Table 2-3. Each EDB contains information describing the X and Y
buffers. In addition, it provides general status information.
Table 2-3. EDB and Buffer Allocations in XDATA
ADDRESS
SIZE
DESCRIPTION
FF7F
↑
32 bytes
RESERVED
FF60
FF5F
↑
8 bytes
Input endpoint 3: configuration
FF58
FF57
↑
8 bytes
Input endpoint 2: configuration
FF50
FF4F
↑
8 bytes
Input endpoint 1: configuration
FF48
FF47
↑
40 bytes
RESERVED
FF20
FF1F
↑
8 bytes
Output endpoint 3: configuration
FF18
FF17
↑
8 bytes
Output endpoint 2: configuration
FF10
FF0F
↑
8 bytes
Output endpoint 1: configuration
FF08
FF07
↑
8 bytes
Setup packet block
FF00
FEFF
↑
8 bytes
Input endpoint 0: buffer
FEF8
FEF7
↑
8 bytes
Output endpoint 0: buffer
FEF0
FEEF
Top of buffer space
↑
368 bytes
Buffer space
FD80
Start of buffer space
Functional Description
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com