Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB3210 Datasheet HTML 1Page - Texas Instruments TUSB3210 Datasheet HTML 2Page - Texas Instruments TUSB3210 Datasheet HTML 3Page - Texas Instruments TUSB3210 Datasheet HTML 4Page - Texas Instruments TUSB3210 Datasheet HTML 5Page - Texas Instruments TUSB3210 Datasheet HTML 6Page - Texas Instruments TUSB3210 Datasheet HTML 7Page - Texas Instruments TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Contents
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
1
Introduction
......................................................................................................................... 7
1.1
Features
....................................................................................................................... 7
1.2
Description
.................................................................................................................... 7
1.3
Ordering Information
........................................................................................................ 7
1.4
Device Information
........................................................................................................... 8
1.5
Revision History
............................................................................................................ 11
2
Functional Description
........................................................................................................ 12
2.1
MCU Memory Map
......................................................................................................... 12
2.2
Miscellaneous Registers
.................................................................................................. 13
2.2.1
TUSB3210 Boot Operation
..................................................................................... 13
2.2.2
MCNFG: MCU Configuration Register
........................................................................ 13
2.2.3
PUR_n: GPIO Pullup Register for Port n (n = 0 to 3)
....................................................... 14
2.2.4
INTCFG: Interrupt Configuration
.............................................................................. 14
2.2.5
WDCSR: Watchdog Timer, Control, and Status Register
.................................................. 14
2.2.6
PCON: Power Control Register (at SFR 87h)
............................................................... 15
2.3
Buffers + I/O RAM Map
.................................................................................................... 16
2.4
Endpoint Descriptor Block (EDB-1 to EDB-3)
.......................................................................... 18
2.4.1
OEPCNF_n: Output Endpoint Configuration (n = 1 to 3)
................................................... 19
2.4.2
OEPBBAX_n: Output Endpoint X-Buffer Base Address (n = 1 to 3)
..................................... 20
2.4.3
OEPBCTX_n: Output Endpoint X-Byte Count (n = 1 to 3)
................................................. 20
2.4.4
OEPBBAY_n: Output Endpoint Y-Buffer Base Address (n = 1 to 3)
..................................... 20
2.4.5
OEPBCTY_n: Output Endpoint Y-Byte Count (n = 1 to 3)
................................................. 21
2.4.6
OEPSIZXY_n: Output Endpoint X-/Y-Buffer Size (n = 1 to 3)
............................................. 21
2.4.7
IEPCNF_n: Input Endpoint Configuration (n = 1 to 3)
...................................................... 21
2.4.8
IEPBBAX_n: Input Endpoint X-Buffer Base Address (n = 1 to 3)
......................................... 22
2.4.9
IEPBCTX_n: Input Endpoint X-Byte Base Address (n = 1 to 3)
........................................... 22
2.4.10
IEPBBAY_n: Input Endpoint Y-Buffer Base Address (n = 1 to 3)
......................................... 23
2.4.11
IEPBCTY_n: Input Endpoint Y-Byte Count (n = 1 to 3)
.................................................... 23
2.4.12
IEPSIZXY_n: Input Endpoint X-/Y-Buffer Size (n = 1 to 3)
................................................ 23
2.5
Endpoint-0 Descriptor Registers
......................................................................................... 24
2.5.1
IEPCNFG_0: Input Endpoint-0 Configuration Register
..................................................... 24
2.5.2
IEPBCNT_0: Input Endpoint-0 Byte-Count Register
........................................................ 25
2.5.3
OEPCNFG_0: Output Endpoint-0 Configuration Register
................................................. 25
2.5.4
OEPBCNT_0: Output Endpoint-0 Byte-Count Register
.................................................... 26
2.6
USB Registers
.............................................................................................................. 26
2.6.1
FUNADR: Function Address Register
........................................................................ 26
2.6.2
USBSTA: USB Status Register
................................................................................ 27
2.6.3
USBMSK: USB Interrupt Mask Register
...................................................................... 28
2.6.4
USBCTL: USB Control Register
............................................................................... 28
2.6.5
VIDSTA: VID/PID Status Register
............................................................................. 29
2.7
Function Reset and Power-Up Reset Interconnect
.................................................................... 29
2.8
Pullup Resistor Connect/Disconnect
..................................................................................... 30
2.9
8052 Interrupt and Status Registers
..................................................................................... 30
2.9.1
8052 Standard Interrupt Enable Register
.................................................................... 31
2.9.2
Additional Interrupt Sources
.................................................................................... 31
2.9.3
VECINT: Vector Interrupt Register
............................................................................ 32
2.9.4
Logical Interrupt Connection Diagram (INT0)
................................................................ 33
2.9.5
P2[7:0], P3.3 Interrupt (INT1)
.................................................................................. 33
2.10
I
2C Registers
................................................................................................................ 34
2.10.1
I2CSTA: I
2C Status and Control Register
.................................................................... 34
2.10.2
I2CADR: I
2C Address Register
................................................................................ 35
Contents
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com