Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS45AL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS45AL
Description  Low-leakage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS45AL Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS45AL Datasheet HTML 1Page - NXP Semiconductors BAS45AL Datasheet HTML 2Page - NXP Semiconductors BAS45AL Datasheet HTML 3Page - NXP Semiconductors BAS45AL Datasheet HTML 4Page - NXP Semiconductors BAS45AL Datasheet HTML 5Page - NXP Semiconductors BAS45AL Datasheet HTML 6Page - NXP Semiconductors BAS45AL Datasheet HTML 7Page - NXP Semiconductors BAS45AL Datasheet HTML 8Page - NXP Semiconductors BAS45AL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS45AL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 6 August 2010
3 of 11
NXP Semiconductors
BAS45AL
Low-leakage diode
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR =10mA; RL = 100
Ω; measured at IR =1mA.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-t)
thermal resistance from
junction to tie-point
-
-
300
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
375
K/W
Table 7.
Characteristics
Tj =25
°C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 1 mA
-
-
780
mV
IF = 10 mA
-
-
860
mV
IF = 100 mA
-
-
1000
mV
IR
reverse current
Emax =100 lx
VR = 125 V
-
-
1
nA
VR =30V; Tj = 125
°C
-
-
300
nA
VR = 125 V; Tj =125
°C
-
-
500
nA
VR = 125 V; Tj =150
°C
--2
μA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
--4
pF
trr
reverse recovery time
[1] -1.5
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com