Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS45AL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS45AL
Description  Low-leakage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS45AL Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS45AL Datasheet HTML 1Page - NXP Semiconductors BAS45AL Datasheet HTML 2Page - NXP Semiconductors BAS45AL Datasheet HTML 3Page - NXP Semiconductors BAS45AL Datasheet HTML 4Page - NXP Semiconductors BAS45AL Datasheet HTML 5Page - NXP Semiconductors BAS45AL Datasheet HTML 6Page - NXP Semiconductors BAS45AL Datasheet HTML 7Page - NXP Semiconductors BAS45AL Datasheet HTML 8Page - NXP Semiconductors BAS45AL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BAS45AL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 6 August 2010
4 of 11
NXP Semiconductors
BAS45AL
Low-leakage diode
FR4 PCB, standard footprint
(1) Tj = 150
°C; typical values
(2) Tj =25
°C; typical values
(3) Tj =25
°C; maximum values
Fig 1.
Forward current as a function of ambient
temperature; derating curve
Fig 2.
Forward current as a function of forward
voltage
Based on square wave currents.
Tj =25
°C prior to surge
Fig 3.
Non-repetitive peak forward current as a function of pulse duration; maximum values
mbg522
0
100
IF
(mA)
200
300
0
100
200
Tamb (°C)
mbg523
0
1.0
0.5
1.5
300
0
100
200
VF (V)
IF
(mA)
(1)
(2)
(3)
mbg704
10
1
102
IFSM
(A)
10−1
tp (μs)
1104
103
10
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com