Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS45AL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS45AL
Description  Low-leakage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS45AL Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS45AL Datasheet HTML 1Page - NXP Semiconductors BAS45AL Datasheet HTML 2Page - NXP Semiconductors BAS45AL Datasheet HTML 3Page - NXP Semiconductors BAS45AL Datasheet HTML 4Page - NXP Semiconductors BAS45AL Datasheet HTML 5Page - NXP Semiconductors BAS45AL Datasheet HTML 6Page - NXP Semiconductors BAS45AL Datasheet HTML 7Page - NXP Semiconductors BAS45AL Datasheet HTML 8Page - NXP Semiconductors BAS45AL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BAS45AL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 6 August 2010
5 of 11
NXP Semiconductors
BAS45AL
Low-leakage diode
8.
Test information
VR = 125 V
f = 1 MHz; Tj =25
°C
Fig 4.
Reverse current as a function of junction
temperature
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
mbd456
104
103
102
10
10−1
150
50
0
100
1
IR
(nA)
Tj (°C)
typ
max
mbg524
010
20
15
5
3
2
0
1
VR (V)
Cd
(pF)
Fig 6.
Reverse recovery time test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com