Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS45AL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS45AL
Description  Low-leakage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS45AL Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS45AL Datasheet HTML 1Page - NXP Semiconductors BAS45AL Datasheet HTML 2Page - NXP Semiconductors BAS45AL Datasheet HTML 3Page - NXP Semiconductors BAS45AL Datasheet HTML 4Page - NXP Semiconductors BAS45AL Datasheet HTML 5Page - NXP Semiconductors BAS45AL Datasheet HTML 6Page - NXP Semiconductors BAS45AL Datasheet HTML 7Page - NXP Semiconductors BAS45AL Datasheet HTML 8Page - NXP Semiconductors BAS45AL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Epitaxial medium-speed switching diode with a low leakage current, encapsulated in a
small hermetically sealed glass SOD80C Surface-Mounted Device (SMD) package.
1.2 Features and benefits
Continuous reverse voltage: max. 125 V
Repetitive peak forward current: max. 625 mA
Low reverse current: max. 1 nA
Switching time: typ. 1.5
μs
1.3 Applications
Low leakage current applications
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
2.
Pinning information
[1]
The marking band indicates the cathode.
BAS45AL
Low-leakage diode
Rev. 5 — 6 August 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] --
250
mA
VR
reverse voltage
-
-
125
V
VF
forward voltage
IF = 100 mA
-
-
1000
mV
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
006aab040
2
1


Similar Part No. - BAS45AL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS45AL PHILIPS-BAS45AL Datasheet
49Kb / 8P
Low-leakage diode
1999 May 28
logo
Nexperia B.V. All right...
BAS45AL NEXPERIA-BAS45AL Datasheet
784Kb / 11P
Low-leakage diode
Rev. 5 - 6 August 2010
logo
NXP Semiconductors
BAS45AL PHILIPS-BAS45AL_15 Datasheet
106Kb / 11P
Low-leakage diode
Rev. 5-6 August 2010
More results

Similar Description - BAS45AL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
Low-leakage diode
1999 May 28
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Central Semiconductor C...
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS45A PHILIPS-BAS45A_15 Datasheet
122Kb / 8P
Low-leakage diode
1996 Mar 13
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
Low-leakage diode
3 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com