Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1S5009DA4 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 3 Page - NXP Semiconductors

  MF1S5009DA4 Datasheet HTML 1Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 2Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 3Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 4Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 5Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 6Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
3 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
3.
Applications
Public transportation
Access management
Electronic toll collection
Car parking
School and campus cards
Employee cards
Internet cafés
Loyalty
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Commerci
al Name
Name
Description
Version
MF1S5009DUD
FFC
-
8 inch wafer, 120
μm thickness, on film
frame carrier, electronic fail die
marking according to SECS-II format)
-
MF1S5009DA4
MOA4
PLLMC
plastic leadless module carrier
package; 35 mm wide tape
SOT500-2
Fig 2.
Block diagram
001aal732
RF
INTERFACE
UART
ISO/IEC
14443A
LOGIC UNIT
CRC
EEPROM
CRYPTO1
POWER ON
RESET
VOLTAGE
REGULATOR
CLOCK
INPUT FILTER
RESET
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com