Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1S5009DA4 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF1S5009DA4 Datasheet HTML 1Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 2Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 3Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 4Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 5Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 6Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
4 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
6.
Pinning information
6.1
Smart card contactless module
7.
Mechanical specification
Fig 3.
Contact assignments for SOT500-2 (MOA4)
Table 2.
Bonding pad assignments to smart card contactless module
Contactless interface module
MF1S5009DA4
Antenna contacts
Symbol
Description
LA
LA
Antenna coil connection LA
LB
LB
Antenna coil connection LB
001aam200
top view
LA
LB
Table 3.
Specifications
Wafer
diameter
200 mm typical (8 inches)
maximum diameter after foil expansion
210 mm
thickness
120
μm ± 15 μm
flatness
not applicable
Potential Good Dies per Wafer (PGDW)
18482
Wafer backside
material
Si
treatment
ground and stress relieve
roughness
Ra max = 0.2 μm
Rt max = 2 μm
Chip dimensions
step size
x = 1231
μm
y = 1280
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com