Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1S5009DA4 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 5 Page - NXP Semiconductors

  MF1S5009DA4 Datasheet HTML 1Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 2Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 3Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 4Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 5Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 6Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
5 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
[1]
The gap between chips may vary due to changing foil expansion.
[2]
Pads P1, TP2 and VSS are disconnected when wafer is sawn.
7.1 Fail die identification
Electronic wafer mapping covers the electrical test results and additionally the results of
mechanical/visual inspection.
No ink dots are applied.
gap between chips[1]
typical = 15
μm
minimum = 5
μm
Passivation
type
sandwich structure
material
nitride
thickness
1.75
μm
Au bump (substrate connected to VSS)
material
> 99.9 % pure Au
hardness
35 to 80 HV 0.005
shear strength
>70 MPa
height
18
μm
height uniformity
within a die =
±2 μm
within a wafer =
±3 μm
wafer to wafer =
±4 μm
flatness
minimum =
±1.5 μm
size
LA, LB = 69
μm × 69 μm
P1;TP2;VSS[2] =58 μm × 58 μm
size variation
±5 μm
under bump metallization
sputtered TiW
Table 3.
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com