Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1S5009DA4 Datasheet (PDF) - NXP Semiconductors

MF1S5009DA4 Datasheet PDF - NXP Semiconductors
Part # MF1S5009DA4
Download  MF1S5009DA4 Download
File Size   278.3 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Mainstream contactless smart card IC for fast and easy solution development

MF1S5009DA4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF1S5009DA4 Datasheet PDF - NXP Semiconductors

Part # MF1S5009DA4
Download  MF1S5009DA4 Click to download

File Size   278.3 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Mainstream contactless smart card IC for fast and easy solution development

MF1S5009DA4 Datasheet (HTML) - NXP Semiconductors


MF1S5009DA4 Product details

General description
NXP Semiconductors has developed the MIFARE MF1S5009 to be used in a contactless smart card according to ISO/IEC 14443 Type A. The MF1S5009 features a double size UID for early adopters among existing MIFARE Classic systems which are planning to migrate from the currently used single size UID to double size UID.
The MIFARE MF1S5009 IC is used in applications like public transport ticketing where major cities have adopted MIFARE as their e-ticketing solution of choice.

Key applications
• Public transportation
• Access control
• Event ticketing
• Gaming and identity

Security
• Unique identifier for each device using double size UID (7 byte UID)
• Mutual three pass authentication (ISO/IEC 9798-2)
• Individual set of two keys per sector (per application) to support multi-application with key hierarchy

Delivery options
• Bumped die on wafer
• MOA4 contactless module

Features and benefits
2.1 MIFARE‚ RF Interface (ISO/IEC 14443 A)
■ Contactless transmission of data and supply energy (no battery needed)
■ Operating distance up to 100 mm depending on antenna geometry and reader configuration
■ Operating frequency of 13.56 MHz
■ Data transfer of 106 kbit/s
■ Data integrity of 16-bit CRC, parity, bit coding, bit counting
■ Anticollision
■ Typical ticketing transaction time of < 100 ms (including backup management)

2.2 EEPROM
■ 1 kB, organized in 16 sectors with 4 blocks of 16 bytes each (one block consists of 16 byte)
■ User definable access conditions for each memory block
■ Data retention time of 10 years
■ Write endurance 100000 cycles

Applications
■ Public transportation
■ Access management
■ Electronic toll collection
■ Car parking
■ School and campus cards
■ Employee cards
■ Internet cafés
■ Loyalty




Similar Part No. - MF1S5009DA4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1S5000XDA4/V1 NXP-MF1S5000XDA4/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5000XDA8/V1 NXP-MF1S5000XDA8/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5001XDUD/V1 NXP-MF1S5001XDUD/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5001XDUD2/V1 NXP-MF1S5001XDUD2/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5001XDUF/V1 NXP-MF1S5001XDUF/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
More results


Similar Description - MF1S5009DA4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1PLUSX0Y1 NXP-MF1PLUSX0Y1 Datasheet
163Kb / 20P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1SPLUSX0Y1 NXP-MF1SPLUSX0Y1 Datasheet
148Kb / 17P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
Class 1 Terminal for Contact and Contactless Smart Cards:
logo
NXP Semiconductors
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
PEGODA Contactless Smart Card Reader
Revision 2.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com