Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC183CEVB
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC183CEVB Datasheet HTML 1Page - Semtech Corporation SC183CEVB Datasheet HTML 2Page - Semtech Corporation SC183CEVB Datasheet HTML 3Page - Semtech Corporation SC183CEVB Datasheet HTML 4Page - Semtech Corporation SC183CEVB Datasheet HTML 5Page - Semtech Corporation SC183CEVB Datasheet HTML 6Page - Semtech Corporation SC183CEVB Datasheet HTML 7Page - Semtech Corporation SC183CEVB Datasheet HTML 8Page - Semtech Corporation SC183CEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SC183C
www.semtech.com
© 2010 Semtech Corp.
5
Typical Characteristics
Efficiency vs. Load Current (V
OUT=1.5V)
Load Regulation (V
OUT=1.5V)
Efficiency vs. Load Current (V
OUT=3.3V)
Load Regulation (V
OUT=3.3V)
Total Loss vs. Load Current (V
OUT=1.5V)
Total Loss vs. Load Current (V
OUT=3.3V)
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.4
0.8
1.2
1.6
2.0
Output Current (A)
VIN= 5.0V
VOUT= 1.5V
TA=25°C
L=1071AS-1R0 (33m
_typ)
L=1127AS-2R2 (40m
_typ)
L=1071AS-2R2 (50m
_typ)
Circuit Conditions: C
IN= 10mF/6.3V, COUT= 22mF/6.3V. Unless otherwise noted, L= 2.2mH (TOKO: 1127AS-2R2M).
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.4
0.8
1.2
1.6
2.0
Output Current (A)
VIN= 5.0V
VOUT= 3.3V
TA=25°C
L=1071AS-1R0 (33m
_typ)
L=1127AS-2R2 (40m
_typ)
L=1071AS-2R2 (50m
_typ)
Total Loss
0
200
400
600
800
1000
0.0
0.4
0.8
1.2
1.6
2.0
Output Current (A)
VIN= 5.0V
VOUT= 1.5V
TA=25°C
L=1071AS-1R0 (33m
_typ)
L=1127AS-2R2 (40m
_typ)
L=1071AS-2R2 (50m
_typ)
Load Regulation
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0.0
0.4
0.8
1.2
1.6
2.0
Output Current (A)
VIN= 3.3V
VIN= 5.0V
VOUT= 1.5V
TA=25°C
Load Regulation
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0.0
0.4
0.8
1.2
1.6
2.0
Output Current (A)
VIN= 5.0V
VOUT= 3.3V
TA=25°C
Total Loss
0
200
400
600
800
1000
0.0
0.4
0.8
1.2
1.6
2.0
Output Current (A)
VIN= 5.0V
VOUT= 3.3V
TA=25°C
L=1071AS-1R0 (33m
_typ)
L=1127AS-2R2 (40m
_typ)
L=1071AS-2R2 (50m
_typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com