Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC183CEVB
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC183CEVB Datasheet HTML 1Page - Semtech Corporation SC183CEVB Datasheet HTML 2Page - Semtech Corporation SC183CEVB Datasheet HTML 3Page - Semtech Corporation SC183CEVB Datasheet HTML 4Page - Semtech Corporation SC183CEVB Datasheet HTML 5Page - Semtech Corporation SC183CEVB Datasheet HTML 6Page - Semtech Corporation SC183CEVB Datasheet HTML 7Page - Semtech Corporation SC183CEVB Datasheet HTML 8Page - Semtech Corporation SC183CEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SC183C
www.semtech.com
© 2010 Semtech Corp.
2
Pin Configuration
Ordering Information
Device
Package
SC183CULTRT(2)(3)
3mm x 3mm x 0.6mm MLPQ-UT16
SC183CEVB(4)
Evaluation Board
Notes:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB
with thermal vias under the exposed pad per JESD51 standards.
(2) Available in tape and reel only. A reel contains 3,000 devices.
(3) Device is Pb-free, Halogen free, and RoHS/WEEE compliant.
(4) Please specify the VOUT when ordering.
Table 1 – Output Voltage Settings
CTL3
CTL2
CTL1
CTL0
Output Voltage
0
0
0
0
Shutdown
0
0
0
1
0.80
0
0
1
0
1.00
0
0
1
1
1.025
0
1
0
0
1.05
0
1
0
1
1.20
0
1
1
0
1.25
0
1
1
1
1.30
1
0
0
0
1.50
1
0
0
1
1.80
1
0
1
0
2.20
1
0
1
1
2.50
1
1
0
0
2.60
1
1
0
1
2.80
1
1
1
0
3.00
1
1
1
1
3.30
TOP VIEW
PVIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PVIN
AGND
AVIN
PGND
PGND
VOUT
NC
T
3mm x 3mm x 0.6mm MLPQ-UT16
θ
JA = 40°C/W
(1)
Marking Information
Marking for 3mm x 3mm MLPQ-UT 16 Lead Package:
yyww = Datecode (Example: 0852)
xxxx = Semtech Lot number (Example: E901)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com