Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC183CEVB
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC183CEVB Datasheet HTML 12Page - Semtech Corporation SC183CEVB Datasheet HTML 13Page - Semtech Corporation SC183CEVB Datasheet HTML 14Page - Semtech Corporation SC183CEVB Datasheet HTML 15Page - Semtech Corporation SC183CEVB Datasheet HTML 16Page - Semtech Corporation SC183CEVB Datasheet HTML 17Page - Semtech Corporation SC183CEVB Datasheet HTML 18Page - Semtech Corporation SC183CEVB Datasheet HTML 19Page - Semtech Corporation SC183CEVB Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SC183C
www.semtech.com
© 2010 Semtech Corp.
18
Applications Information (continued)
PCB Layout Considerations
The layout diagrams in Figure 5 and Figure 6 show a rec-
ommended PCB layout for a standard V
OUT option and an
adjustable V
OUT option, respectively. Fundamental layout
rules must be followed since the layout is critical for
achieving the performance specified in the Electrical
Characteristics table. Poor layout can degrade the perfor-
mance of the DC-DC converter and can contribute to EMI
problems, ground bounce, and resistive voltage losses.
Poor regulation and instability can result.
The following guidelines are recommended when devel-
oping a PCB layout:
The input capacitor, C
IN, provides a low impedance
loop for the pulsed currents present at the buck
converter’s inputs. C
IN should therefore be placed as
close to the PVIN and PGND pins as possible, and no
more than 3mm away from the PVIN pin. Place the C
IN
and SC183C on the same component side to eliminate
the use of vias between C
IN and the device pins. Use
short wide traces or a copper plane to connect as
closely to the IC as possible. Use multiple vias for the
ground connection to the ground plane to reduce the
parasitic inductance. These measures will minimize
EMI and input voltage ripple by localizing the high
frequency current pulses.
Keep the LX pin traces as short as possible to minimize
pickup of high frequency switching edges to other
parts of the circuit. C
OUT and L should be connected as
close as possible between the LX and GND pins, with
a direct return to the GND pin from C
OUT.
Route the output voltage feedback/sense path away
from the inductor and LX node to minimize noise and
magnetic interference.
Use a ground plane referenced to the SC183C PGND
pin. Use several vias to connect to the component
side ground to further reduce noise and interference
on sensitive circuit nodes.
If possible, minimize the resistance from the VOUT
and AGND pins to the load. This will reduce the
voltage drop on the ground plane and improve the
load regulation. And it will also improve the overall
efficiency by reducing the copper losses on the output
and ground planes.
1.
2.
3.
4.
5.
Figure 5 — Recommended PCB Top & Bottom Layer
Layout for Standard V
OUT Option
(a) Top layer for standard volatge option
(b) Bottom layer for standard voltage option
Figure 6 — Recommended PCB Top & Bottom Layer
Layout for Adjustable V
OUT Option
(a) Top layer for adjustable voltage option
(b) Bottom layer for adjustable voltage option
VIN
GND
GND
VOUT
CTLx
L
COUT
U1
GND
GND
VIN
VOUT
VIN
GND
GND
VOUT
CTLx
L
CIN
COUT
U1
GND
GND
VIN
VOUT
RFB1
RFB2
CFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com