Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC183CEVB
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC183CEVB Datasheet HTML 6Page - Semtech Corporation SC183CEVB Datasheet HTML 7Page - Semtech Corporation SC183CEVB Datasheet HTML 8Page - Semtech Corporation SC183CEVB Datasheet HTML 9Page - Semtech Corporation SC183CEVB Datasheet HTML 10Page - Semtech Corporation SC183CEVB Datasheet HTML 11Page - Semtech Corporation SC183CEVB Datasheet HTML 12Page - Semtech Corporation SC183CEVB Datasheet HTML 13Page - Semtech Corporation SC183CEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SC183C
www.semtech.com
© 2010 Semtech Corp.
10
Typical Waveforms
Circuit Conditions: C
IN= 10mF/6.3V, COUT= 22mF/6.3V, L= 2.2mH (TOKO: 1127AS-2R2M).
Shutdown (Disable)(V
OUT=1.5V)
Shutdown (Disable)(V
OUT=3.3V)
200µs/div
Shutdown-Disable (1.5V)
V
OUT
1V/div
V
EN
2V/div
V
IN
2V/div
V
IN=5.0V
R
OUT=1.5
200µs/div
Shutdown-Disable (3.3V)
V
OUT
1.5V/div
V
EN
2V/div
V
IN
2V/div
V
IN=5.0V
R
OUT=3.3
V
OUT
1.5V/div
200µs/div
Start Up (V
OUT=3.3V), EN=VIN
V
IN
2V/div
V
IN=5.0V
R
OUT=1k
V
OUT
1.5V/div
200µs/div
Start Up (V
OUT=3.3V), EN=VIN
V
IN
2V/div
V
IN=5.0V
R
OUT=1.65
 (2A)
Start Up (Power up V
IN) (VOUT=3.3V)
Start Up (Power up V
IN) (VOUT=3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com