Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC202
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC202 Datasheet HTML 3Page - Semtech Corporation SC202 Datasheet HTML 4Page - Semtech Corporation SC202 Datasheet HTML 5Page - Semtech Corporation SC202 Datasheet HTML 6Page - Semtech Corporation SC202 Datasheet HTML 7Page - Semtech Corporation SC202 Datasheet HTML 8Page - Semtech Corporation SC202 Datasheet HTML 9Page - Semtech Corporation SC202 Datasheet HTML 10Page - Semtech Corporation SC202 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SC202
7
Typical Characteristics (continued)
Light Load Switching — V
OUT = 1.8V
Time (400ns/div)
V
LX (5V/div)
V
OUT (50mV/div)
I
LX (200mA/div)
Light Load Switching — V
OUT = 1.0V
Time (400ns/div)
V
LX (5V/div)
V
OUT (50mV/div)
I
LX (200mA/div)
Light Load Switching — V
OUT = 2.8V
Time (400ns/div)
V
LX (5V/div)
V
OUT (50mV/div)
I
LX (200mA/div)
Light Load Switching — V
OUT = 3.3V
Time (400ns/div)
V
LX (5V/div)
V
OUT (50mV/div)
I
LX (200mA/div)
Heavy Load Switching — V
OUT = 1.0V
Time (200ns/div)
I
LX (200mA/div)
V
OUT (50mV/div)
V
LX (5V/div)
Heavy Load Switching — V
OUT = 1.8V
Time (200ns/div)
I
LX (200mA/div)
V
OUT (50mV/div)
V
LX (5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com