Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC202
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202 Datasheet(HTML) 1 Page - Semtech Corporation

  SC202 Datasheet HTML 1Page - Semtech Corporation SC202 Datasheet HTML 2Page - Semtech Corporation SC202 Datasheet HTML 3Page - Semtech Corporation SC202 Datasheet HTML 4Page - Semtech Corporation SC202 Datasheet HTML 5Page - Semtech Corporation SC202 Datasheet HTML 6Page - Semtech Corporation SC202 Datasheet HTML 7Page - Semtech Corporation SC202 Datasheet HTML 8Page - Semtech Corporation SC202 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© 2010 Semtech Corporation
POWER MANAGEMENT
1
SC202
3.5MHz, 500mA Step-down
Regulator with Integrated Inductor
Features
Input Voltage — 2.9V to 5.5V
Output Voltage — 0.8V to 3.3V
Output current capability — 500mA
Internal inductor
15 programmable output voltages
High light-load efficiency via automatic PSAVE mode
Fast transient response
Temperature range — -40 to +85°C
Oscillator frequency — 3.5MHz
100% duty cycle capability
Quiescent current — 38µA typ
Shutdown current — 0.1µA typ
Internal soft-start
Over-voltage protection
Current limit and short circuit protection
Over-temperature protection
Under-voltage lockout
Floating control pin protection
MLPQ-13 — 2.5 x 3.0 x 1.0 (mm) package
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Point of load regulation
Smart phones and cellular phones
MP3/personal media players
Personal navigation devices
Digital cameras
Single Li-ion cell or 3 NiMH/NiCd cell devices
Devices with 3.3V or 5V internal power rails
Description
The SC202 is a high efficiency 500mA step-down regula-
tor that includes an integrated inductor inside the
package. The input voltage range makes it ideal for
battery operated applications with space limitations. The
SC202 also includes fifteen programmable output voltage
settings that can be selected using the four control pins,
eliminating the need for external feedback resistors. The
output voltage can be fixed to a single setting or dynami-
cally switched between different levels. Pulling all four
control pins low disables the output.
The SC202 operates at a fixed 3.5MHz switching frequency
in normal PWM (Pulse-Width Modulation) mode. A vari-
able frequency PSAVE (power-save) mode is used to
optimize efficiency at light loads for each output setting.
Built-in hysteresis prevents chattering between the two
modes.
The SC202 provides several protection features to safe-
guard the device under stressed conditions. These
include short circuit protection, over-temperature protec-
tion, under-voltage lockout, and soft-start to control
in-rush current. These features, coupled with the small
2.5 x 3.0 x 1.0 (mm) package, make the SC202 a versatile
device ideal for step-down regulation in products needing
high efficiency and a small PCB footprint.
SC202
IN
CTL3
CTL2
CTL1
CTL0
SNS
OUT
GND
VOUT
0.8V to 3.3V
VIN
2.9V to 5.5V
COUT
10µF
CIN
4.7µF
Control Logic
Lines
LX
NC
Typical Application Circuit
June 30, 2010


Similar Part No. - SC202

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2023 FAIRVIEW-SC2023 Datasheet
450Kb / 3P
SMA Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
SC2024 FAIRVIEW-SC2024 Datasheet
396Kb / 2P
SC2024 DATA SHEET SMA Open Circuit Connector Cap
REV 1.1
SC2026 FAIRVIEW-SC2026 Datasheet
362Kb / 2P
SMA Female Open Circuit Connector Cap
REV 1.0
SC2029 FAIRVIEW-SC2029 Datasheet
449Kb / 3P
BNC Male Open Circuit Connector Cap With 4 Inch Chain
REV 1.1
logo
Semtech Corporation
SC202A SEMTECH-SC202A Datasheet
541Kb / 19P
3.5MHz, 500mA Step-down Regulator
More results

Similar Description - SC202

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
500mA Synchronous Buck Regulator with Integrated Inductor
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
3.5MHz, 500mA Step-down Regulator
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195F SEMTECH-SC195F Datasheet
581Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC202F SEMTECH-SC202F Datasheet
931Kb / 17P
3.5MHz, 500mA Step-down Regulator with Integrated Inductor
logo
Maxim Integrated Produc...
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com