Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC202
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC202 Datasheet HTML 6Page - Semtech Corporation SC202 Datasheet HTML 7Page - Semtech Corporation SC202 Datasheet HTML 8Page - Semtech Corporation SC202 Datasheet HTML 9Page - Semtech Corporation SC202 Datasheet HTML 10Page - Semtech Corporation SC202 Datasheet HTML 11Page - Semtech Corporation SC202 Datasheet HTML 12Page - Semtech Corporation SC202 Datasheet HTML 13Page - Semtech Corporation SC202 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SC202
10
Pin Descriptions
Pin
Pin Name
Pin Function
1, 2, 3
LX
Switching node sense pin — for test purposes only.
4
SNS
Output sense pin — connect to output capacitor for proper sensing of output voltage.
5
CTL3
Control bit 3 — see Table 1, page 2, for decoding. This pin has a weak pull-down resistor (> 1MΩ) in place at
reset that is removed when CTL3 is pulled above the logic high threshold.
6
CTL0
Control bit 0 — see Table 1, page 2, for decoding. This pin has a weak pull-down resistor (> 1MΩ) in place at
reset that is removed when CTL0 is pulled above the logic high threshold.
7
CTL1
Control bit 1 — see Table 1, page 2, for decoding. This pin has a weak pull-down resistor (> 1MΩ) in place at
reset that is removed when CTL1 is pulled above the logic high threshold.
8
CTL2
Control bit 2 — see Table 1, page 2, for decoding. This pin has a weak pull-down resistor (> 1MΩ) in place at
reset that is removed when CTL2 is pulled above the logic high threshold.
9
IN
Input power supply pin — connect a bypass capacitor from this pin to GND.
10
GND
Ground reference and power ground for the SC202.
11, 12, 13
OUT
Regulator output pin — connect a 10µF ceramic capacitor to this pin for proper filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com