Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC202
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC202 Datasheet HTML 10Page - Semtech Corporation SC202 Datasheet HTML 11Page - Semtech Corporation SC202 Datasheet HTML 12Page - Semtech Corporation SC202 Datasheet HTML 13Page - Semtech Corporation SC202 Datasheet HTML 14Page - Semtech Corporation SC202 Datasheet HTML 15Page - Semtech Corporation SC202 Datasheet HTML 16Page - Semtech Corporation SC202 Datasheet HTML 17Page - Semtech Corporation SC202 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
SC202
14
VOUT -2%
VOUT
VOUT +2.5%
Load
Demand
(
IOUT)
BURST
OFF
VLX
Time
PWM Mode at
Medium/High
Load
PSAVE Mode at
Light Load
PWM Mode at
Medium/High
Load
PSAVE
EXIT
Figure 2 — Transitions Between PWM and PSAVE Modes
Protection Features
The SC202 provides the following protection features:
Soft-Start Operation
Over-Voltage Protection
Current Limit
Thermal Shutdown
Under-Voltage Lockout
Soft-Start
The soft-start sequence is activated after a transition from
an all zeros CTL code to a non-zero CTL code enables the
device. At start-up, the PMOS current limit is stepped
through four levels: 25%, 40%, 60%, and 100%. Each step
is maintained for 60μs following an internal reference start
up of 20μs, resulting in a total nominal start-up period of
260μs. If V
OUT reaches 90% of the target within the first 2
steps, the device continues in PSAVE mode at the end of
soft-start; otherwise, it goes into PWM mode. Note the
V
OUT ripple in PSAVE mode can be larger than the ripple in
PWM mode.
•
•
•
•
•
Applications Information (continued)
Over-Voltage Protection
Over-voltage protection ensures the output voltage does
not rise to a level that could damage its load. When V
OUT
exceeds the regulation voltage by 15%, the PWM drive is
disabled. Switching does not resume until V
OUT has fallen
below the regulation voltage by 2%.
Current Limit
The SC202 switching stage is protected by a current limit
function. If the output load exceeds the PMOS current
limit for 32 consecutive switching cycles, the device enters
fold-back current limit mode and the output current is
limited to approximately 150mA. Under these conditions,
the output voltage will be the product of I
FB-LIM and the load
resistance. The load must fall below I
FB-LIM for the device to
exit fold-back current limit mode. This function makes the
device capable of sustaining an indefinite short circuit on
its output under fault conditions.
Thermal Shutdown
The SC202 has a thermal shutdown feature to protect the
device if the junction temperature exceeds 160°C. During
thermal shutdown, the PMOS and NMOS switches are
both disabled, tri-stating the LX output. When the junc-
tion temperature drops by the hysteresis value (20°C), the
device goes through the soft-start process and resumes
normal operation.
Under-Voltage Lockout
UVLO (Under-Voltage Lockout) activates when the supply
voltage drops below the falling UVLO threshold. This pre-
vents the device from entering an ambiguous state in
which regulation cannot be maintained. Hysteresis of
approximately 200mV is included to prevent chattering
near the threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com