Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403EVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC403EVB
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403EVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC403EVB Datasheet HTML 13Page - Semtech Corporation SC403EVB Datasheet HTML 14Page - Semtech Corporation SC403EVB Datasheet HTML 15Page - Semtech Corporation SC403EVB Datasheet HTML 16Page - Semtech Corporation SC403EVB Datasheet HTML 17Page - Semtech Corporation SC403EVB Datasheet HTML 18Page - Semtech Corporation SC403EVB Datasheet HTML 19Page - Semtech Corporation SC403EVB Datasheet HTML 20Page - Semtech Corporation SC403EVB Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
SC403
17
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage V
OUT is offset by the output ripple according to the
following equation.
2
V
R
R
1
75
.
0
V
RIPPLE
2
1
OUT
When a large capacitor is placed in parallel with R1 (C
TOP)
V
OUT is shown by the following equation.
2
TOP
1
2
1
2
2
TOP
1
RIPPLE
2
1
OUT
C
R
R
R
R
1
)
C
R
(
1
2
V
R
R
1
75
.
0
V
Enable and Power Save Input
The EN/PSV input is used to enable or disable the switch-
ing regulator and the LDO.When EN/PSV is low (grounded),
the switching regulator is off and in its lowest power state.
When off, the output of the switching regulator soft-dis-
charges the output into a 15Ω internal resistor via the V
OUT
pin. When EN/PSV is allowed to float, the pin voltage will
float to 33% of the voltage at VDD. The switching regula-
tor turns on with PSAVE (power save) disabled and all
switching is in forced continuous mode.
When EN/PSV is high (above 45% of the voltage at VDD),
the switching regulator turns on with ultrasonic power-
save enabled. The ultrasonic PSAVE operation maintains a
minimum switching frequency of 25kHz, for applications
with stringent audio requirements.
Forced Continuous Mode Operation
The SC403 operates the switcher in FCM (Forced
Continuous Mode) by floating the EN/PSV pin (see Figure
4). In this mode one of the power MOSFETs is always on,
with no intentional dead time other than to avoid cross-
conduction. This feature results in uniform frequency
across the full load range with the trade-off being poor
efficiency at light loads due to the high-frequency switch-
ing of the MOSFETs. DH is the gate signal driving the
upper MOSFET. DL is the lower gate signal driving the
lower MOSFET.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
(750mV)
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Forced Continuous Mode Operation
Ultrasonic PSAVE Operation
The SC403 provides ultrasonic PSAVE operation at light
loads, with the minimum operating frequency fixed at
25kHz. This is accomplished using an internal timer that
monitors the time between consecutive high-side gate
pulses. If the time exceeds 40µs, DL drives high to turn the
low-side MOSFET on. This draws current from V
OUT through
the inductor, forcing both V
OUT and VFB to fall. When VFB
drops to the 750mV threshold, the next DH on-time is trig-
gered. After the on-time is completed the high-side
MOSFET is turned off and the low-side MOSFET turns on.
The low-side MOSFET remains on until the inductor
current ramps down to zero, at which point the low-side
MOSFET is turned off.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com