Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403EVB Datasheet(PDF) 29 Page - Semtech Corporation

Part # SC403EVB
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403EVB Datasheet(HTML) 29 Page - Semtech Corporation

Back Button SC403EVB Datasheet HTML 24Page - Semtech Corporation SC403EVB Datasheet HTML 25Page - Semtech Corporation SC403EVB Datasheet HTML 26Page - Semtech Corporation SC403EVB Datasheet HTML 27Page - Semtech Corporation SC403EVB Datasheet HTML 28Page - Semtech Corporation SC403EVB Datasheet HTML 29Page - Semtech Corporation SC403EVB Datasheet HTML 30Page - Semtech Corporation SC403EVB Datasheet HTML 31Page - Semtech Corporation SC403EVB Datasheet HTML 32Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SC403
29
Applications Information (continued)
AGND Island
AGND should have its own island of copper with
no other signal traces routed on this layer that
connects the AGND pins and pad of the device
to the analog control components.
All of the components for the analog control cir-
cuitry should be located so that the connections
to AGND are done by wide copper traces or vias
down to AGND.
Connect PGND to AGND with a short trace or 0Ω
resistor. This connection should be as close to
the device as possible.
FB, VOUT, and Other Analog Control Signals
The connection from the V
OUT power to the
analog control circuitry must be routed from the
output capacitors and located on a quiet layer.
The traces between VOUT and the analog control
circuitry (VOUT, and FB pins) must be short and
routed away from noise sources, such as BST, LX,
VIN, and PGND between the input capacitors,
output capacitors, and the device.
ILIM and TON nodes must be as short as possible
to ensure the best accuracy in current limit and
on time.
R
ILIM should be close to the device and connected
to LX with a Kelvin trace to pin 28 on the device.
All of the LX pins are connected to the LX PAD
on the device, which should be a sufficient con-
nection and will prevent the need to connect
the resistor further into the LX plane.
The feedback components for the switcher and
the LDO need to be as close to the FB and FBL
pins of the device as possible to reduce the pos-
sibility of noise corrupting these analog signals.
•
•
•
•
•
•
•
•
BST, ILIM and LX
LX and BST are very noisy nodes and must be
routed to minimized the PCB area that is exposed
to these signals.
The connections for the boost capacitor
between the device and LX must be short and
directly connected to the LXBST (pin 13).
The connections for the current limit resistor
between the ILIM pin and LX must be as short as
possible and directly connected to pin 28 (LXS).
The LX node between the IC and the inductor
should be wide enough to handle the inductor
current and short enough to eliminate the pos-
sibility of LX noise corrupting other signals.
Multiple vias should be used to provide a good
connection to LX between the device and the
inductor.
Capacitors and Current Loops
The current loops between the input capacitors,
the device, the inductor, and the output capaci-
tors must be as close as possible to each other to
reduce IR drop across the copper.
All bypass and output capacitors must be con-
nected as close as possible to the pin on the
device.
Soft-Start Capacitor
The capacitor used for soft-start should be
located away from the BST pin and its capacitor.
If possible locate the boost capacitor on the
opposite side of the board form the IC and soft-
start capacitor.
•
•
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com