Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403EVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC403EVB
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403EVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC403EVB Datasheet HTML 15Page - Semtech Corporation SC403EVB Datasheet HTML 16Page - Semtech Corporation SC403EVB Datasheet HTML 17Page - Semtech Corporation SC403EVB Datasheet HTML 18Page - Semtech Corporation SC403EVB Datasheet HTML 19Page - Semtech Corporation SC403EVB Datasheet HTML 20Page - Semtech Corporation SC403EVB Datasheet HTML 21Page - Semtech Corporation SC403EVB Datasheet HTML 22Page - Semtech Corporation SC403EVB Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
SC403
19
Time
IPEAK
ILOAD
ILIM
Figure 7 — Valley Current Limit
Setting the valley current limit to 6A results in a peak induc-
tor current of 6A plus the peak-to-peak ripple current. In
this situation, the average (load) current through the induc-
tor is 6A plus one-half the peak-to-peak ripple current.
The internal 10μA current source is temperature compen-
sated at 4100ppm in order to provide tracking with the
RDS
ON.
The
R
ILIM value is calculated by the following equation.
R
ILIM = 1176 x ILIM x [0.088 x (5V - VDD) + 1] (Ω)
where I
LIM is in Amps.
When selecting a value for R
ILIM do not exceed the absolute
maximum voltage value for the ILIM pin. Note that because
the low-side MOSFET with low RDS
ON is used for current
sensing, the PCB layout, solder connections, and PCB connec-
tion to the LX node must be done carefully to obtain good
results. R
ILIM should be connected directly to LXS (pin 28).
Soft-Start of PWM Regulator
SC403 has a programmable soft-start time that is con-
trolled by an external capacitor at the SS pin. After the
controller meets both UVLO and EN/PSV thresholds, the
controller has an internal current source of 2.75µA flowing
through the SS pin to charge the capacitor. During the
start up process (Figure 8), 50% of the voltage at the SS
pin is used as the reference for the FB comparator. The
PWM comparator issues an on-time pulse when the
voltage at the FB pin is less than 50% of the SS pin. As
result, the output voltage follows the SS start voltage. The
output voltage reaches and maintains regulation when
the soft start voltage is > 1.5V. The time between the first
LX pulse and when V
OUT meets regulation is the soft start
time (t
SS). The calculation for the soft-start time is shown
by the following equation.
A
75
.
2
V
5
.
1
C
t
SS
SS
The voltage at the SS pin continues to ramp up and eventu-
ally is equal to 64% of V
DD. After soft start completes, the FB
pin voltage is compared to an internal reference of 0.75V.
The delay time between the V
OUT regulation point and
PGOOD going high is shown by the following equation.
A
75
.
2
V
5
.
1
V
64
.
0
t
DD
DELAY
-
PGOOD
Time (400µs/div)
(10mV/div)
(2V/div)
(5V/div)
(500mV/div)
Figure 8 — Soft-start Timing Diagram
Pre-Bias Startup
SC403 can start up as if in a soft-start condition with an
existing output voltage level. The soft start time is still the
same as normal start up (when the output voltage starts
from zero). The output voltage starts to ramp up when
one-half of the voltage at SS pin meets the pre-charge FB
voltage level. Pre-bias startup is achieved by turning off
the lower gate when the inductor current falls below zero.
This method prevents the output voltage from
decreasing.
Power Good Output
The PGOOD (power good) output is an open-drain output
which requires a pull-up resistor. When the voltage at the
FB pin is 10% below the nominal voltage, PGOOD is pulled
low. It is held low until the output voltage returns above
92% of nominal.
PGOOD will transition low if the V
FB pin exceeds +20% of
nominal, which is also the over-voltage shutdown thresh-
old. PGOOD also pulls low if the EN/PSV pin is low when
V
DD voltage is present.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com