Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403EVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC403EVB
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403EVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC403EVB Datasheet HTML 16Page - Semtech Corporation SC403EVB Datasheet HTML 17Page - Semtech Corporation SC403EVB Datasheet HTML 18Page - Semtech Corporation SC403EVB Datasheet HTML 19Page - Semtech Corporation SC403EVB Datasheet HTML 20Page - Semtech Corporation SC403EVB Datasheet HTML 21Page - Semtech Corporation SC403EVB Datasheet HTML 22Page - Semtech Corporation SC403EVB Datasheet HTML 23Page - Semtech Corporation SC403EVB Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SC403
20
Output Over-Voltage Protection
Over-voltage protection becomes active as soon as the
device is enabled. The threshold is set at 750mV + 20%
(900mV). When V
FB exceeds the OVP threshold, DL latches
high and the low-side MOSFET is turned on. DL remains
high and the controller remains off, until the EN/PSV input
is toggled or VDD is cycled. There is a 5μs delay built into
the OVP detector to prevent false transitions. PGOOD is
also low after an OVP event.
Output Under-Voltage Protection
When V
FB falls 25% below its nominal voltage (falls to
562.5mV) for eight consecutive clock cycles, the switcher
is shut off and the DH and DL drives are pulled low to tri-
state the MOSFETs. The controller stays off until EN/PSV is
toggled or VDD is cycled.
VDD UVLO, and POR
UVLO (Under-Voltage Lock-Out) circuitry inhibits switch-
ing and tri-states the DH/DL drivers until V
DD rises above
3.0V. An internal POR (Power-On Reset) occurs when V
DD
exceeds 3.0V, which resets the fault latch and soft-start
counter to prepare for soft-start. The SC403 then begins a
soft-start cycle. The PWM will shut off if VDD falls below
2.4V.
LDO Regulator
SC403 has an option to bias the switcher by using an inter-
nal LDO from V
IN. The LDO output is connected to VDD
internally. The output of the LDO is programmable by using
external resistors from the VDD pin to AGND. The feedback
pin (FBL) for the LDO is regulated to 750mV (see Figure 9).
RLDO1
To FBL pin
VDD
RLDO2
Figure 9 — LDO Start-Up
The LDO output voltage is set by the following equation.
2
LDO
1
LDO
R
R
1
mV
750
VLDO
A minimum 0.1μF capacitor referenced to AGND is
required along with a minimum 1.0μF capacitor refer-
enced to PGND to filter the gate drive pulses. Refer to the
layout guidelines section for component placement
suggestions.
LDO ENL Functions
The ENL input is used to control the internal LDO. When
ENL is low (grounded), the LDO is off. When ENL is above
the V
IN UVLO threshold, the LDO is enabled and the
switcher is also enabled if EN/PSV and VDD meet the
thresholds.
The ENL pin also acts as the switcher UVLO (under-voltage
lockout) for the V
IN supply. The VIN UVLO voltage is pro-
grammable via a resistor divider at the VIN, ENL and AGND
pins.
If the ENL pin transitions from high to low within 2 switch-
ing cycles and is less than 1V, then the LDO will turn off
but the switcher remains on. If the ENL goes below the V
IN
UVLO threshold and stays above 1V, then the switcher will
turn off but the LDO remains on. The V
IN UVLO function
has a typical threshold of 2.6V on the V
IN rising edge. The
falling edge threshold is 2.4V.
Note that it is possible to operate the switcher with the
LDO disabled, but the ENL pin must be below the logic
low threshold (0.4V maximum). In this case, the UVLO
function for the input voltage cannot be used. The table
below summarizes the function of the ENL and EN pins,
with respect to the rising edge of ENL.
EN
ENL
LDO status Switcher status
low
low, < 0.4V
off
off
high
low, < 0.4V
off
on
low
high, < 2.6V
on
off
high
high, < 2.6V
on
off
low
high, > 2.6V
on
off
high
high, > 2.6V
on
on
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com