Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16501 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT16501
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16501 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
7 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
h = HIGH voltage level one setup time prior to the enable or clock transition;
L = LOW voltage level;
I = LOW voltage level one setup time prior to the enable or clock transition;
NC = no change;
X = don’t care;
Z = high-impedance OFF-state;
↓ = HIGH-to-LOW enable or clock transition;
↑ = LOW-to-HIGH enable or clock transition.
VCC
50
voltage supply
B2
51
data input or output (B side)
B1
52
data input or output (B side)
GND
53
ground (0 V)
B0
54
data input or output (B side)
CPAB
55
A-to-B clock input (active rising edge)
GND
56
ground (0 V)
Table 3:
Pin description …continued
Symbol
Pin
Description
Table 4:
Function table [1]
Operating mode
Control
Input
Internal
registers
Output
OEAB
LEAB
CPAB
An
Bn
OEBA
LEBA
CPBA
Bn
An
Disabled
L
H
XXXZ
Disabled, latch data
L
↓
Xh
H
Z
lL
Z
Disabled, hold data
L
L
H or L
X
NC
Z
Disabled, clock data
L
L
↑
hH
Z
lL
Z
Transparent
H
H
X
H
H
H
LLL
Latch data and display
H
↓
Xh
H
H
lL
L
Clock data and display
H
L
↑
hH
H
lL
L
Hold data and display
H
L
H or L
X
H
H
XL
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com