Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16501 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74ALVT16501
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74ALVT16501 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 15Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 16Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 17Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
14 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output
performance.
Fig 8.
Data setup and hold times
Measurement points are given in Table 9.
VOH is typical voltage output drop that occur with the output load.
Fig 9.
3-state output enable time to HIGH-level and output disable time from HIGH-level
Measurement points are given in Table 9.
VOL is typical voltage output drop that occur with the output load.
Fig 10. 3-state output enable time to LOW-level and output disable time from LOW-level
001aad342
VM
VM
VM
VM
VI
VI
VM
VM
tsu(H)
th(H)
tsu(L)
th(L)
0 V
0 V
input An, Bn
LEAB or LEBA
input
CPAB or CPBA
001aad344
output
An or Bn
VM
VY
VM
tPHZ
tPZH
VM
VOH
VI
0 V
0 V
OEBA
input
OEAB
001aad346
output
An or Bn
VM
VM
VX
tPLZ
tPZL
VM
0 V
VOL
VI
3.0 V or VCC
OEBA
input
OEAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com