Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16501 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT16501
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16501 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
10 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
[1]
All typical values are at VCC = 2.5 V and Tamb = 25 °C.
[2]
For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
[3]
Unused pins at VCC or GND.
[4]
Not guaranteed.
[5]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 VtoVCC = 2.5 V ± 0.2 V
a transition time of 100
µs is permitted. This parameter is valid for T
amb =25 °C only.
Cio
input/output capacitance of I/O pins
VI/O = 0 V or VCC
-8
-pF
VCC = 3.3 V ± 0.3 V [8]
VIK
input diode voltage
VCC = 3.0 V; IIK = −18 mA
-
−0.85 −1.2
V
VOH
HIGH-level output voltage
VCC = 3.0 V to 3.6 V; IOH = −100 µAVCC −
0.2
VCC
-V
VCC = 3.0 V; IOH = −32 mA
2.0
2.3
-
V
VOL
LOW-level output voltage
VCC = 3.0 V; IOL = 100 µA
-
0.07
0.2
V
VCC = 3.0 V; IOL = 16 mA
-
0.25
0.4
V
VCC = 3.0 V; IOL = 32 mA
-
0.3
0.5
V
VCC = 3.0 V; IOL = 64 mA
-
0.4
0.55
V
VRST
power-up LOW-state output voltage
VCC = 3.6 V; IO = 1 mA;
VI =VCC or GND
[2] -
-
0.55
V
ILI
input leakage current
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
µA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
µA
I/O data pins
VCC = 3.6 V; VI = 5.5 V
[3] -
0.1
20
µA
VCC = 3.6 V; VI = VCC
[3] -
0.5
10
µA
VCC = 3.6 V; VI = 0 V
[3] -
+0.1
−5
µA
IOFF
power-down leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
0.1
±100 µA
IHOLD
bus hold current data inputs
VCC = 3 V; VI = 0.8 V
[9] 75
130
-
µA
VCC = 3 V; VI = 2.0 V
[9]
−75
−140 -
µA
VCC = 0 V to 3.6 V; VI = 3.6 V
[9]
±500 -
-
µA
IEX
external current into output
output in HIGH-state when VO >VCC;
VO = 5.5 V; VCC = 3.0 V
-
10
125
µA
IPU, IPD
power-up/down 3-state output current VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; OEAB or OEBA
don’t care
[10] -
1.0
±100 µA
ICC
quiescent supply current
VCC = 3.6 V; VI = GND or VCC;IO =0A
outputs HIGH-state
-
0.06
0.1
mA
outputs LOW-state
-
3.5
5
mA
outputs disabled
[6] -
0.06
0.1
mA
∆ICC
additional quiescent supply current
per input pin
VCC = 3 V to 3.6 V; one input at
VCC − 0.6 V, other inputs at
VCC or GND
[7] -
0.04
0.4
mA
Ci
input capacitance of control pins
VI = 0 V or VCC
-4
-pF
Cio
input/output capacitance of I/O pins
VI/O = 0 V or VCC
-8
-pF
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Tamb = −40 °C to +85 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com