Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16501 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74ALVT16501
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74ALVT16501 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 15Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 16Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
13 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
Propagation delay input (An, Bn) to output (Bn, An) in transparent mode
Measurement points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Propagation delay latch enable (LEAB, LEBA) to output (An, Bn) and latch enable
(LEAB, LEBA) pulse width
Measurement points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 7.
Propagation delay clock (CPAB, CPBA) to output (An, Bn), clock (CPAB, CPBA)
pulse width and maximum clock frequency (CPAB, CPBA)
001aad308
output
Bn or An
input
An or Bn
VM
VM
tPHL
tPLH
VM
VM
VOH
VI
0 V
VOL
001aad310
VM
VM
VM
VM
VM
tPLH
tPHL
tWH
input LEAB
or LEBA
output
An or Bn
VOH
VOL
VI
0 V
001aad254
VM
VM
VM
VM
VM
tPLH
tPHL
tWL
tWH
input CPBA
or CPAB
output
An or Bn
1/fmax
VOH
VI
VOL
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com