Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2492 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2492 Datasheet HTML 1Page - RF Micro Devices RF2492 Datasheet HTML 2Page - RF Micro Devices RF2492 Datasheet HTML 3Page - RF Micro Devices RF2492 Datasheet HTML 4Page - RF Micro Devices RF2492 Datasheet HTML 5Page - RF Micro Devices RF2492 Datasheet HTML 6Page - RF Micro Devices RF2492 Datasheet HTML 7Page - RF Micro Devices RF2492 Datasheet HTML 8Page - RF Micro Devices RF2492 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Preliminary
8-34
RF2492
Rev A4 010828
8
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=2.75V
RF Frequency Range
881
MHz
Specifications
1960
MHz
Specifications
800
950
MHz
Usable range
1700
2100
MHz
Usable range
IF Frequency Range
110
MHz
Specifications
50
250
MHz
Usable range
Cell LO Buffer Output
-13.0
-12.7
dBm
T1 insertion loss not considered.
PCS LO Buffer Output
-14.0
-12.7
dBm
T2 insertion loss not considered.
Cellular Band
Freq= 869MHz to 894MHz
LNA (On)
RF= 880MHz and 881MHz
Gain
13.5
14.5
15.5
dB
LNA set for max IIP3
13.5
14
15
dB
LNA set for Nominal IIP3
Noise Figure
2.0
2.2
dB
LNA set for max IIP3
1.8
2.0
dB
LNA set for Nominal IIP3
Input IP3
+7.0
+7.5
dBm
LNA set for max IIP3
+1.5
+3.0
+7.0
dBm
LNA set for Nominal IIP3
LNA (Off)
Gain
-8.5
-7.5
-6.5
dB
Noise Figure
5.5
5.8
6.0
dB
Input IP3
+20.0
+21.0
dBm
Mixer
IF Select= 1, (IF1) RF = 880MHz,
LO= 990MHz@-5dBm
Gain
12
13
14
dB
Mixer RF amp ON;
ZLOAD=1kΩ single-ended
3.5
4.4
5.0
dB
Mixer RF amp OFF
Noise Figure
6.5
7.0
7.5
dB
Mixer RF amp ON
13.5
14.0
14.5
dB
Mixer RF amp OFF
Input IP3
+2.0
+4.5
dBm
Mixer RF amp ON
+11.5
+13.8
dBm
Mixer RF amp OFF
LO Input Level
-5
dBm
Specifications
-10
+3
dBm
Usable range
Mixer
IF Select= 0, (IF2) RF = 880MHz,
LO= 990MHz@-5dBm
Gain
12
13
14
dB
Mixer RF amp ON;
ZLOAD=1kΩ single-ended
3.0
4.4
dB
Mixer RF amp OFF
Noise Figure
6.8
7.2
7.4
dB
Mixer RF amp ON
13.7
14.0
14.2
dB
Mixer RF amp OFF
Input IP3
+2.0
+4.5
dBm
Mixer RF amp ON
+11.5
+14.0
dBm
Mixer RF amp OFF
LO Input Level
-5
dBm
Specifications
-10
+3
dBm
Usable range
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com