Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2492 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2492 Datasheet HTML 1Page - RF Micro Devices RF2492 Datasheet HTML 2Page - RF Micro Devices RF2492 Datasheet HTML 3Page - RF Micro Devices RF2492 Datasheet HTML 4Page - RF Micro Devices RF2492 Datasheet HTML 5Page - RF Micro Devices RF2492 Datasheet HTML 6Page - RF Micro Devices RF2492 Datasheet HTML 7Page - RF Micro Devices RF2492 Datasheet HTML 8Page - RF Micro Devices RF2492 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ü
8-33
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
LNAIPSEL
LNA ISET
X2 ENABLE
BAND SEL
IF SEL
32
31
17
10
9
LOGIC
CONTROL
PCS LNA IN
CELL LNA IN
LNA GAIN SEL
MIX GAIN SEL
11
14
12
30
25
23
4
5
7
8
19
20
21
22
1
18
15
PCS LO OUT -
CELL LO OUT+
CELL LO OUT-
PCS LO OUT+
IF1+
IF2+
IF1-
IF2-
X2
RF2492
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
• TDMA-GSM Cellular/PCS Handsets
• TDMA Cellular/PCS Handsets
• GAIT Handsets
• CDMA Cellular/PCS Handsets
• GSM DCS/PCS Handsets
The RF2492 is a fully featured dual-band LNA/Mixer and
is usable in a variety of mobile handset applications. The
unique dual IF outputs provide interface to two indepen-
dent IF SAW filters supporting applications such as
TDMA-EDGE where 30kHz and 200 kHz bandwidth SAW
filters are used. With independent power management
control pins for the LNAs and mixers, either IF output can
be accessed from either high- or low-band LNAs, provid-
ing maximum flexibility with minimum power usage. Multi-
ple gain control options are provided to achieve a very
large dynamic range for the receiver. A frequency doubler
is included in the LO circuit to generate both high- and
low-band LO signals with a single VCO. The RF2492 is
packaged in a 32 pin, 5mmx5mm, leadless plastic pack-
age.
• Complete Dual-Band Receiver Front End
• Low Noise Figure
• Stepped LNA/Mixer Gain Control
• Adjustable LNA Bias Current/IIP3
• Integrated LO Frequency Doubler
• Differential LO Buffer Outputs
RF2492
Dual-Band Low Noise Amplifier/Mixer
RF2492 PCBA
Fully Assembled Evaluation Board
8
Rev A4 010828
1.00
0.85
5.00
sq.
NOTES:
Shaded Pin is Lead 1.
1
Package Warpage: 0.05 mm max.
4
Die Thickness Allowable: 0.305 mm max.
5
Pin 1 identifier must exist on top surface of package by identification
mark or feature on the package body. Exact shape and size is optional.
2
Dimension applies to plated terminal: to be measured between 0.02 mm
and 0.25 mm from terminal end.
3
0.30
0.18
3
0.60
0.24 typ
0.55
0.30
0.50
0.23
0.13
4PLCS
0.45
0.20
4PLCS
0.05
0.01
0.80
0.65
3.25
2.95 sq.
12°
MAX
Package Style: LCC, 32-Pin, 5x5


Similar Part No. - RF2492

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF2490 REYCONNS-RF2490 Datasheet
205Kb / 5P
SAW Filter
RF2491 REYCONNS-RF2491 Datasheet
205Kb / 5P
SAW Filter
logo
RF Micro Devices
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
HIGH FREQUENCY LNA/MIXER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2492

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2416 RFMD-RF2416 Datasheet
417Kb / 10P
DUAL-BAND 2.7V LOW NOISE AMPLIFIER
RF2475 RFMD-RF2475 Datasheet
547Kb / 20P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER WITH FREQUENCY DOUBLER
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
logo
Sony Corporation
CXG1082EN SONY-CXG1082EN Datasheet
133Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
CXG1130AER SONY-CXG1130AER Datasheet
125Kb / 8P
Triple Low Noise Amplifier/Dual Mixer
logo
RF Micro Devices
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
logo
Sony Corporation
CXG1109EN SONY-CXG1109EN Datasheet
127Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
logo
RF Micro Devices
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com