Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2492 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2492 Datasheet HTML 5Page - RF Micro Devices RF2492 Datasheet HTML 6Page - RF Micro Devices RF2492 Datasheet HTML 7Page - RF Micro Devices RF2492 Datasheet HTML 8Page - RF Micro Devices RF2492 Datasheet HTML 9Page - RF Micro Devices RF2492 Datasheet HTML 10Page - RF Micro Devices RF2492 Datasheet HTML 11Page - RF Micro Devices RF2492 Datasheet HTML 12Page - RF Micro Devices RF2492 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Preliminary
8-41
RF2492
Rev A4 010828
8
Application Schematic
1
3
6
4
5
2
9
14
10
13
11
12
32
27
31
28
30
29
24
22
19
21
20
23
26
25
7
8
15
16
18
17
33 nF
X2 ENABLE
BAND SEL
120
Ω
47 nH
C2
33 nF
36 nH
2.2 nH
33 nF
47 nH
C1
20 pF
33 nF
180 nH
18 pF
270 nH
8pF
20 pF
180 nH
18 pF
270 nH
8pF
33 nF
LNA GAIN
C2
33 nF
IN
OUT
7.5 nH
IP SET
IF SEL
2
5
C1
F1
47 nH
C1
IN
OUT
33 nF
F2
4
1
5
2
6
3
27 k
Ω
4pF
5.6 nH
MIX GAIN
VCO L OUT N
VCO L OUT P
VCO H OUT N
VCO H OUT P
V
CC
LNA H IN
LO IN
V
CC
V
CC
IF1 OUT
V
CC
IF2 OUT
LNA L IN
V
CC
V
CC
4pF
LNA L OUT
33 pF
NOTES:
1. C1's are not needed if filter DC impedance is open circuit (as is normally the case).
2. C2's are not needed if duplexer DC impedance is open circuit (as is normally the case).
3. IF interface shown is 50
Ω @110 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com