Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2492 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2492 Datasheet HTML 1Page - RF Micro Devices RF2492 Datasheet HTML 2Page - RF Micro Devices RF2492 Datasheet HTML 3Page - RF Micro Devices RF2492 Datasheet HTML 4Page - RF Micro Devices RF2492 Datasheet HTML 5Page - RF Micro Devices RF2492 Datasheet HTML 6Page - RF Micro Devices RF2492 Datasheet HTML 7Page - RF Micro Devices RF2492 Datasheet HTML 8Page - RF Micro Devices RF2492 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Preliminary
8-36
RF2492
Rev A4 010828
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Mixer
RF= 1960MHz, LO =1035MHz@-5dBm,
IF Select=0 (IF2)
Gain
11.0
12.6
dB
Mixer RF amp ON;
ZLOAD=1kΩ single-ended
2.0
3.5
dB
Mixer RF amp OFF
Noise Figure
8.0
8.4
9.0
dB
Mixer RF amp ON
15.0
15.5
16.5
dB
Mixer RF amp OFF
Input IP3
+3.5
+6.0
dBm
Mixer RF amp ON
+14.0
+16.0
dBm
Mixer RF amp OFF
LO Input Level
-5
dBm
Specifications
-10
+3
dBm
Usable range
Mixer Isolation
LO to RF
55
57.5
dB
Mixer RF amp ON
LO to RF
54
63
dB
Mixer RF amp OFF
RF to LO
49.8
52.5
dB
Mixer RF amp ON
RF to LO
52
55.5
dB
Mixer RF amp OFF
LO to IF1
54.5
55.5
dB
Mixer RF amp ON
LO to IF2
58.5
59
dB
Mixer RF amp ON
IF1 to RF
49.5
51
dB
Mixer RF amp ON
RF to IF1
33
34.5
dB
Mixer RF amp ON
IF2 to RF
49
50.5
dB
Mixer RF amp ON
RF to IF2
41
42.5
dB
Mixer RF amp ON
Cascade (LNA On)
3dB RF Filter Insertion Loss
Gain
24.3
dB
LNA set for max IIP3; Mixer RF amp ON
23.5
dB
LNA set for Nominal IIP3; Mixer RF amp ON
15.3
dB
LNA set for max IIP3; Mixer RF amp OFF
14.5
dB
LNA set for Nominal IIP3; Mixer RF ampOFF
Noise Figure
2.6
dB
LNA set for max IIP3; Mixer RF amp ON
3.1
dB
LNA set for Nominal IIP3; Mixer RF amp ON
5.7
dB
LNA set for max IIP3; Mixer RF amp OFF
6.3
dB
LNA set for Nominal IIP3; Mixer RF ampOFF
Input IP3
-6
dBm
LNA set for max IIP3; Mixer RF amp ON
-5.6
dBm
LNA set for Nominal IIP3; Mixer RF amp ON
+3.0
dBm
LNA set for max IIP3; Mixer RF amp OFF
+1.5
dBm
LNA set for Nominal IIP3; Mixer RF ampOFF
Cascade (LNA Off)
3dB RF Filter Insertion Loss
Gain
4
dB
Mixer RF amp ON
-5
dB
Mixer RF amp OFF
Noise Figure
17
dB
Mixer RF amp ON
24
dB
Mixer RF amp OFF
Input IP3
+14.0
dBm
Mixer RF amp ON
+21.7
dBm
Mixer RF amp OFF
Power Supply
IF Select=1
Supply Voltage
2.75
V
Specifications
2.7
3.6
V
Operating range
Supply Current
38
40
mA
Cellular; LNA On, Max IIP3,Mixer RFampON
36
38
mA
Cellular;LNAOn,NomIIP3,Mixer RFamp ON
32
34
mA
Cellular; LNA Off, Mixer RF amp ON
26
28
mA
Cellular; LNA Off, Mixer RF amp OFF
LNA Current
40.0
42.5
mA
PCS; LNA On, Max IIP3, Mixer RF amp ON
38.5
40.5
mA
PCS; LNA On, Nom IIP3, Mixer RF amp ON
34.5
36.0
mA
PCS; LNA Off, Mixer RF amp ON
28.0
29.5
mA
PCS; LNA Off, Mixer RF amp OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com