Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3322 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3322
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3322 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3322 Datasheet HTML 1Page - RF Micro Devices RF3322 Datasheet HTML 2Page - RF Micro Devices RF3322 Datasheet HTML 3Page - RF Micro Devices RF3322 Datasheet HTML 4Page - RF Micro Devices RF3322 Datasheet HTML 5Page - RF Micro Devices RF3322 Datasheet HTML 6Page - RF Micro Devices RF3322 Datasheet HTML 7Page - RF Micro Devices RF3322 Datasheet HTML 8Page - RF Micro Devices RF3322 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preliminary
3-28
RF3322
Rev A2 010518
3
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC1 and VCC2)
-0.5 to +6.0
VDC
Input RF Level
12
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Humidity
80
%
Maximum Power Dissipation
0.5
W
Maximum TJ
150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
VCC=4.75V to 5.25V, TXEN=SHDN=1,
VIN=30dBmV (rms) differential, output
impedance= 75
Ω through a 2:1 transformer.
Typical performance is at TA=+25°C,
VCC=5V.
DC Specifications
Supply Voltage
4.75
5.0
5.25
V
Supply Current
Maximum Gain
130
160
mA
Gain Control Word= 58
Low Gain
65
105
mA
Gain Control Word<35
Transmit Disable
25
35
mA
TXEN= 0
Software-Shutdown
3
5
mA
Bit 7 of gain control word FALSE
Sleep
0.05
mA
SHDN= 0
Logic High Voltage
2
V
Logic Low Voltage
0.8
V
Logic Leakage Current
-1
1
µA
AC Specifications
Voltage Gain
Maximum
27
28
dB
5MHz to 42MHz; Gain Control Word= 58
26
dB
42MHz to 65MHz; Gain Control Word= 58
Minimum
-30
-26
dB
5MHz to 42MHz; Gain Control Word= 0
-28
dB
42MHz to 65MHz; Gain Control Word=0
3dB Bandwidth
100
MHz
Intended operating range is 5MHz to
65MHz.
1dB Compression Point
66
dBmV
Maximum Input Level
34
dBmV(rms)
Modulated. To meet distortion specifications.
Maximum Output Level
60
dBmV(rms)
Modulated. Into 75
Ω load at balun output, all
distortion tones < -50dBc.
ACPR
-59
-47
dBc
VIN=34dBmV (rms); QPSK modulation;
Symbol rate= 160ksps (2 bits per symbol);
20-bit PRBS (pseudo-random bit stream);
0.25 alpha root cosine filter
Output IM3
-58
-55
dBc
Tones at 40MHz and 40.2MHz,
VOUT=+54dBmV/tone, maximum gain, OIP3
is therefore +84dBmV, IIP3 is 58dBmV.
Output Third Harmonic
Distortion
F =20MHz, VOUT=59dBmV
-60
-55
dBc
Maximum Gain, CW
F =65MHz, VOUT=59dBmV
-55
-50
dBc
Maximum Gain, CW
Output Second Harmonic
Distortion
F =20MHz, VOUT=59dBmV
-70
-60
dBc
Maximum Gain
F =65MHz, VOUT=59dBmV
-70
-60
dBc
Maximum Gain
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com