Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3322 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3322
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3322 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3322 Datasheet HTML 1Page - RF Micro Devices RF3322 Datasheet HTML 2Page - RF Micro Devices RF3322 Datasheet HTML 3Page - RF Micro Devices RF3322 Datasheet HTML 4Page - RF Micro Devices RF3322 Datasheet HTML 5Page - RF Micro Devices RF3322 Datasheet HTML 6Page - RF Micro Devices RF3322 Datasheet HTML 7Page - RF Micro Devices RF3322 Datasheet HTML 8Page - RF Micro Devices RF3322 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3-27
3
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
16
15
18
17
20
19
14
13
12
11
5
6
3
4
1
2
7
8
9
10
GND
VCC1
GND
GND1
VIN+
VIN-
GND
CS
SDA
SCLK
GND
SHDN
NC
RAMP
VOUT-
VOUT+
NC
TXEN
VCC2
GND2
Gain Control
and Serial Bus
Power
Control
RF3322
CABLE REVERSE PATH
PROGRAMMABLE GAIN AMPLIFIER
• Euro-DOCSIS/DOCSIS Cable Modems
• CATV Set-Top Boxes
• Telephony Over Cable
•Home Networks
• Automotive/Mobile Multimedia
• Coaxial and Twisted Pair Line Driver
The RF3322 is a variable gain amplifier for use in CATV
reverse path (upstream) applications. It is DOCSIS-com-
pliant for use in cable modems. The gain control covers a
58dB range and is serially programmable via three-wire
digital bus for compatibility with standard baseband
chipsets. Amplifier shutdown and transmit disable modes
are software- and hardware-controlled. The device is
placed into sleep mode via the serial control bus. The
device operates over the frequency band of 5MHz to
65MHz for use in current U.S. and European systems.
The amplifier delivers up to 60dBmV at the output of the
balun. Gain is controllable in accurate 1dB steps. The
device is provided in an industry-standard QSOP-20
package.
• Single 5V Supply
• Differential Input and Output
• -30dB to +28dB Voltage Gain Range
•5MHz to 65MHz Operation
• Sophisticated Power Management
• DOCSIS 1.1 RF Compliant
RF3322
Cable Reverse Path Programmable Gain Amplifier
RF3322 PCBA
Fully Assembled Evaluation Board
3
Rev A2 010518
0.157
0.150
0.050
0.016
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash and protrusions.
3. Lead coplanarity: 0 to 0.004 max.
4. Deviation from package center and leadframe center: 0.004 max.
5. Misalignment from top and bottom package centers: 0.004 max.
6. Endflash nottoexceed 0.006per side.
0.0098
0.0040
0.025
8° MAX
0° MIN
0.010
0.006
0.340
0.333
0.244
0.228
0.0688
0.0532
0.0098
0.0040
Dimensions in inches.
Package Style: QSOP-20


Similar Part No. - RF3322

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3320PCBA RFMD-RF3320PCBA Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3321 RFMD-RF3321 Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
RF3321PCBA RFMD-RF3321PCBA Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
More results

Similar Description - RF3322

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3321 RFMD-RF3321 Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com