Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3322 Datasheet (PDF) - RF Micro Devices

RF3322 Datasheet PDF - RF Micro Devices
Part # RF3322
Download  RF3322 Download
File Size   169.01 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER

RF3322 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3322 Datasheet PDF - RF Micro Devices

Part # RF3322
Download  RF3322 Click to download

File Size   169.01 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER

RF3322 Datasheet (HTML) - RF Micro Devices


RF3322 Product details

Product Description
The RF3322 is a variable gain amplifier for use in CATV reverse path (upstream) applications. It is DOCSIS-compliant for use in cable modems. The gain control covers a 58dB range and is serially programmable via three-wire digital bus for compatibility with standard baseband chipsets. Amplifier shutdown and transmit disable modes are software- and hardware-controlled. The device is placed into sleep mode via the serial control bus. The device operates over the frequency band of 5MHz to 65MHz for use in current U.S. and European systems.

Features
• Single 5V Supply
• Differential Input and Output
• -30dB to +28dB Voltage Gain Range
• 5MHz to 65MHz Operation
• Sophisticated Power Management
• DOCSIS 1.1 RF Compliant

Typical Applications
• Euro-DOCSIS/DOCSIS Cable Modems
• CATV Set-Top Boxes
• Telephony Over Cable
• Home Networks
• Automotive/Mobile Multimedia
• Coaxial and Twisted Pair Line Driver




Similar Part No. - RF3322

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3320PCBA RFMD-RF3320PCBA Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3321 RFMD-RF3321 Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
RF3321PCBA RFMD-RF3321PCBA Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
More results


Similar Description - RF3322

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3321 RFMD-RF3321 Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com