Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3321 Datasheet (PDF) - RF Micro Devices

RF3321 Datasheet PDF - RF Micro Devices
Part # RF3321
Download  RF3321 Download
File Size   195.47 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER

RF3321 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3321 Datasheet PDF - RF Micro Devices

Part # RF3321
Download  RF3321 Click to download

File Size   195.47 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER

RF3321 Datasheet (HTML) - RF Micro Devices


RF3321 Product details

Product Description
The RF3321 is a variable gain amplifier for use in CATV reverse path (upstream) applications. It is designed to be DOCSIS-compliant for use in cable modems. The gain control covers a 56dB range and is serially programmable via three-wire digital bus for compatibility with standard baseband chipsets. Amplifier shutdown and transmit disable modes are hardware-controlled. The device operates over the frequency band of 5MHz to 65MHz for use in current U.S. and European systems. The amplifier delivers up to +69dBmV at the output of the balun. Gain is controllable in accurate 1dB steps. The device is provided in a thermally enhanced, exposed die flag package.

Features
• Differential Input and Output
• 31dB Maximum Voltage Gain
• -25dB Minimum Voltage Gain
• 5MHz to 65MHz Operation
• Sophisticated Power Management
• DOCSIS 1.1 RF Compliant

Typical Applications
• Euro-DOCSIS/DOCSIS Cable Modems
• CATV Set-Top Boxes
• Telephony Over Cable
• Home Networks
• Automotive/Mobile Multimedia
• Coaxial and Twisted Pair Line Driver




Similar Part No. - RF3321

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3320PCBA RFMD-RF3320PCBA Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3322 RFMD-RF3322 Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3322PCBA RFMD-RF3322PCBA Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
More results


Similar Description - RF3321

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF3320 RFMD-RF3320 Datasheet
318Kb / 18P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3322 RFMD-RF3322 Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Intersil Corporation
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
July 1994
logo
RF Micro Devices
RF2155 RFMD-RF2155_06 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_1 Datasheet
219Kb / 10P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133_12 Datasheet
668Kb / 9P
5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com