Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3321 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3321
Description  REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3321 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3321 Datasheet HTML 5Page - RF Micro Devices RF3321 Datasheet HTML 6Page - RF Micro Devices RF3321 Datasheet HTML 7Page - RF Micro Devices RF3321 Datasheet HTML 8Page - RF Micro Devices RF3321 Datasheet HTML 9Page - RF Micro Devices RF3321 Datasheet HTML 10Page - RF Micro Devices RF3321 Datasheet HTML 11Page - RF Micro Devices RF3321 Datasheet HTML 12Page - RF Micro Devices RF3321 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary
2-9
RF3321
Rev A10 010516
3
Gain versus Frequency
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
50
100
150
200
250
Frequency (MHz)
Gain Control Word = 56
Gain Control Word = 25
Gain Control Word = 0
Gain versus Supply Voltage (VCC1)
at Gain Control Word = 56
28.2
28.3
28.4
28.5
28.6
28.7
28.8
28.9
29.0
29.1
29.2
4.70
4.80
4.90
5.00
5.10
5.20
5.30
Supply Voltage VCC1 (V)
5MHz
42 MHz
65 MHz
Gain versus Supply Voltage (VCC1)
at Gain Control Word = 25
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
4.70
4.80
4.90
5.00
5.10
5.20
5.30
Supply Voltage VCC1 (V)
5MHz
42 MHz
65 MHz
Gain versus Supply Voltage (VCC2)
at Gain Control Word = 56
28.3
28.4
28.5
28.6
28.7
28.8
28.9
29.0
29.1
29.2
6.65
6.75
6.85
6.95
7.05
7.15
7.25
7.35
Supply Voltage VCC2 (V)
5MHz
42 MHz
65 MHz
Gain versus Supply Voltage (VCC2)
at Gain Control Word = 25
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
6.65
6.75
6.85
6.95
7.05
7.15
7.25
7.35
Supply Voltage VCC2 (V)
5MHz
42 MHz
65 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com