Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3321 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3321
Description  REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3321 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3321 Datasheet HTML 6Page - RF Micro Devices RF3321 Datasheet HTML 7Page - RF Micro Devices RF3321 Datasheet HTML 8Page - RF Micro Devices RF3321 Datasheet HTML 9Page - RF Micro Devices RF3321 Datasheet HTML 10Page - RF Micro Devices RF3321 Datasheet HTML 11Page - RF Micro Devices RF3321 Datasheet HTML 12Page - RF Micro Devices RF3321 Datasheet HTML 13Page - RF Micro Devices RF3321 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary
2-10
RF3321
Rev A10 010516
3
Gain versus Gain Control Word at 5 MHz
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
1020
30
4050
Gain Control Word
Gain versus Gain Control Word at 42 MHz
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
1020
30
4050
Gain Control Word
Gain versus Gain Control Word at 65 MHz
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
1020
30
4050
Gain Control Word
Second Harmonic versus Frequency and Output Level
-80
-70
-60
-50
-40
-30
30
35
40
45
50
55
60
Output Level (dBmV)
65 MHz
42 MHz
5MHz
Third Harmonic versus Frequency and Output Level
-80
-75
-70
-65
-60
-55
-50
30
35
40
45
50
55
60
Power Out (dBmV)
65 MHz
42 MHz
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com